Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV8811DBVR.B Datasheet (PDF) - Texas Instruments

TLV8811DBVR.B Datasheet PDF - Texas Instruments
Part # TLV8811DBVR.B
Download  TLV8811DBVR.B Download
File Size   986.74 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV8811,TLV8812 425 nA Precision Nanopower Op Amps for Cost-Optimized Systems

TLV8811DBVR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV8811DBVR.B Datasheet PDF - Texas Instruments

Part # TLV8811DBVR.B
Download  TLV8811DBVR.B Click to download

File Size   986.74 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV8811,TLV8812 425 nA Precision Nanopower Op Amps for Cost-Optimized Systems

TLV8811DBVR.B Datasheet (HTML) - Texas Instruments


TLV8811DBVR.B Product details

1 Features
1• For Cost-Optimized Systems
• Nanopower Supply Current: 425 nA/channel
• Offset Voltage: 500 μV (max)
• TcVos: 1 μV/°C
• Gain-Bandwidth: 6 kHz
• Unity-Gain Stable
• Low Input Bias Current : 100 fA
• Wide Supply Range: 1.7 V to 5.5 V
• Rail-to-Rail Output
• No Output Reversals
• EMI Protection
• Temperature Range: –40°C to 125°C
• Industry Standard Packages:
– Single in 5-pin SOT-23
– Dual in 8-pin VSSOP

2 Applications
• Gas Detectors (CO and O2)
• PIR Motion Detectors
• Current Sensing
• Thermostats
• IoT (Internet of Things) Remote Sensors
• Active RFID Readers and Tags
• Portable Medical Equipment
• Portable Glucose Monitors

3 Description
The TLV8811 (single) and TLV8812 (dual) family of
precision ultra-low-power operational amplifiers are
ideal for cost-optimized, “Always ON” sensing
applications in battery powered wireless and low
power wired equipment. With 6 kHz of bandwidth
from 425 nA of quiescent current and a trimmed
offset voltage to under 500μV, the TLV881x
amplifiers provide high precision while minimizing
power consumption in equipment such as CO gas
detectors and portable electronic devices where
operational battery-life is critical. They also have a
CMOS input stage enabling fempto-amp bias
currents, thereby reducing IBIAS and IOS errors that
would otherwise impact high source impedance
sensing applications. Additionally, built-in EMI
protection reduces sensitivity to unwanted RF signals
from mobile phones, WiFi, radio transmitters, and tag
readers.
The TLV8811 (single) and TLV8812 (dual) channel
versions are available in industry standard 5-pin SOT-
23 and 8-pin VSSOP packages respectively.




Similar Part No. - TLV8811DBVR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV8811DBVR TI1-TLV8811DBVR Datasheet
735Kb / 26P
425 nA Precision Nanopower Op Amps for Cost-Optimized Systems
More results


Similar Description - TLV8811DBVR.B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
Dual/Quad Precision Op Amps
logo
Microchip Technology
MCP6044-E MICROCHIP-MCP6044-E Datasheet
617Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-I MICROCHIP-MCP6044-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
logo
Texas Instruments
TLV8801 TI1-TLV8801 Datasheet
1Mb / 27P
TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8811 TI1-TLV8811 Datasheet
735Kb / 26P
425 nA Precision Nanopower Op Amps for Cost-Optimized Systems
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544_18 Datasheet
1Mb / 35P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_018 TI1-TLV8544_018 Datasheet
1Mb / 37P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com