Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1264087 Datasheet (PDF) - PHOENIX CONTACT

1264087 Datasheet PDF - PHOENIX CONTACT
Part # 1264087
Download  1264087 Download
File Size   185.96 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CRIMPFOX DUO 16S CUS - Crimping pliers

1264087 Datasheet (PDF)

Go To PDF Page Download Datasheet
1264087 Datasheet PDF - PHOENIX CONTACT

Part # 1264087
Download  1264087 Click to download

File Size   185.96 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CRIMPFOX DUO 16S CUS - Crimping pliers

1264087 Datasheet (HTML) - PHOENIX CONTACT


1264087 Product details

Crimping pliers, laser-marked according to customer specifications, contact type: insulated and
uninsulated ferrules, standards/regulations: DIN 46228-1, DIN 46228-4, UL 486F, Form A, E, F,
cross-section, minimum: 0.14 mm2, cross-section, maximum: 16 mm2, for TWIN ferrules up to
2 mm2 x 6 mm2, automatic cross-section adjustment, rotating dies, lateral and front entry,
crimping: square




Similar Part No. - 1264087

ManufacturerPart #DatasheetDescription
logo
KNIPEX
1264180 KNIPEX-1264180 Datasheet
140Kb / 2P
Automatic Insulation Stripper for flat cable
05.07.2021
logo
Coherent Corp
1264213 COHERENT-1264213 Datasheet
2Mb / 20P
StingRay and BioRay
1264214 COHERENT-1264214 Datasheet
2Mb / 20P
StingRay and BioRay
1264216 COHERENT-1264216 Datasheet
2Mb / 20P
StingRay and BioRay
1264218 COHERENT-1264218 Datasheet
2Mb / 20P
StingRay and BioRay
More results


Similar Description - 1264087

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1031721 PHOENIX-1031721 Datasheet
59Kb / 2P
Crimping pliers - CRIMPFOX DUO 10
1212034 PHOENIX-1212034 Datasheet
69Kb / 4P
Crimping pliers - CRIMPFOX 6
1212037 PHOENIX-1212037 Datasheet
63Kb / 3P
Crimping pliers - CRIMPFOX 6T
1212039 PHOENIX-1212039 Datasheet
54Kb / 3P
Crimping pliers - CRIMPFOX 25R
1212041 PHOENIX-1212041 Datasheet
58Kb / 2P
Crimping pliers - CRIMPFOX 50R
1212072 PHOENIX-1212072 Datasheet
98Kb / 6P
Crimping pliers - CRIMPFOX-M
1212318 PHOENIX-1212318 Datasheet
48Kb / 3P
Crimping pliers - CRIMPFOX-C120
1212340 PHOENIX-1212340 Datasheet
48Kb / 3P
Crimping pliers - CRIMPFOX-C50
1206696 PHOENIX-1206696 Datasheet
66Kb / 4P
Crimping pliers - CRIMPFOX LC
09/11/2020
1212046 PHOENIX-1212046 Datasheet
60Kb / 3P
Crimping pliers - CRIMPFOX 6H
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com