Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2700131 Datasheet (PDF) - PHOENIX CONTACT

2700131 Datasheet PDF - PHOENIX CONTACT
Part # 2700131
Download  2700131 Download
File Size   258.43 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PSD-S OE LED BU - Optical element

2700131 Datasheet (PDF)

Go To PDF Page Download Datasheet
2700131 Datasheet PDF - PHOENIX CONTACT

Part # 2700131
Download  2700131 Click to download

File Size   258.43 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PSD-S OE LED BU - Optical element

2700131 Datasheet (HTML) - PHOENIX CONTACT


2700131 Product details

Product description
This optical signal element is designed to be part of a modular signal tower. According to your requirements, a signal tower can be combined as
desired, from a maximum of five signal elements. Set up to a maximum of five optical signal elements or up to four optical and one audible signal
element. Only use an audible signal element as the top element. A bayonet locking system establishes the mechanical and electrical connection
between the elements. Connection elements with spring-cage or screw connection can be used for electrical connection of the signal tower. Various
accessories are available to assemble the signal tower. Please note that PSD-S signal towers (70 mm diameter) are not mechanically compatible
with PSD-S 50 signal towers (50 mm diameter).




Similar Part No. - 2700131

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700130 PHOENIX-2700130 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
2700132 PHOENIX-2700132 Datasheet
138Kb / 5P
LED blinking light element, 24혻V혻AC/DC
2700134 PHOENIX-2700134 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700135 PHOENIX-2700135 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
2700136 PHOENIX-2700136 Datasheet
135Kb / 5P
Buzzer element, continuous/pulse tone, 24 V AC/DC, max. 85 dB(A)
More results


Similar Description - 2700131

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
logo
Sanyo Semicon Device
LV0221CS SANYO-LV0221CS Datasheet
203Kb / 6P
For Optical Pickups Front Monitor OE-IC
LV0223CV SANYO-LV0223CV Datasheet
136Kb / 8P
For Optical Pickups Front Monitor OE-IC
logo
ON Semiconductor
ENA1823 ONSEMI-ENA1823 Datasheet
100Kb / 7P
Front Monitor OE-IC for Optical Pickups
June, 2013
ENA1919 ONSEMI-ENA1919 Datasheet
108Kb / 9P
Front Monitor OE-IC for Optical Pickups
June, 2013
ENA2144 ONSEMI-ENA2144 Datasheet
93Kb / 9P
Front Monitor OE-IC for Optical Pickups
May, 2013
logo
PHOENIX CONTACT
2700164 PHOENIX-2700164 Datasheet
50Kb / 2P
Mounting material - PSD-S ME B-M
1014455 PHOENIX-1014455 Datasheet
50Kb / 1P
Coding element - PRC FC-M CODE-BU
8642 PHOENIX-8642 Datasheet
185Kb / 6P
PSD-S WIN MA/UL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com