Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70080 Datasheet (PDF) - Wixroyd Group Ltd

70080 Datasheet PDF - Wixroyd Group Ltd
Part # 70080
Download  70080 Download
File Size   75.86 Kbytes
Page   1 Pages
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd
Description with grub screw

70080 Datasheet (PDF)

Go To PDF Page Download Datasheet
70080 Datasheet PDF - Wixroyd Group Ltd

Part # 70080
Download  70080 Click to download

File Size   75.86 Kbytes
Page   1 Pages
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd
Description with grub screw

70080 Datasheet (HTML) - Wixroyd Group Ltd


70080 Product details

Material
Duroplast PF 31, black.
Grub screw: steel, galvanised or stainless
steel A2.




Similar Part No. - 70080

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70080 BELDEN-70080 Datasheet
152Kb / 2P
70080 - 75 Ohm SDI Coax, Mini RG-59, 22 AWG Solid BC, Foil 80% TC Braid, PVC Jkt
03-30-2023
70080.00500 BELDEN-70080.00500 Datasheet
152Kb / 2P
70080 - 75 Ohm SDI Coax, Mini RG-59, 22 AWG Solid BC, Foil 80% TC Braid, PVC Jkt
03-30-2023
70080.04500 BELDEN-70080.04500 Datasheet
152Kb / 2P
70080 - 75 Ohm SDI Coax, Mini RG-59, 22 AWG Solid BC, Foil 80% TC Braid, PVC Jkt
03-30-2023
logo
ledxon GmbH
7008060 LEDXON-7008060 Datasheet
109Kb / 5P
Recessed spotlight, 9W 960lm CRI80 4000K 40° white
7008061 LEDXON-7008061 Datasheet
114Kb / 5P
Recessed spotlight, 9W 960lm CRI80 4000K 40° Chrom
More results


Similar Description - 70080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7794 ETC2-7794 Datasheet
280Kb / 1P
PC METRIC SCREW TERMINAL WITH SCREW
logo
TDK Electronics
B43733 TDK-B43733_15 Datasheet
695Kb / 25P
Capacitors with screw terminals
B43703 TDK-B43703_15 Datasheet
664Kb / 21P
Capacitors with screw terminals
B43704 TDK-B43704_15 Datasheet
678Kb / 23P
Capacitors with screw terminals
B43704 TDK-B43704_16 Datasheet
688Kb / 23P
Capacitors with screw terminals
B43713 TDK-B43713_16 Datasheet
700Kb / 25P
Capacitors with screw terminals
logo
HARTING Technology Grou...
09-00-000-5603 HARTING-09-00-000-5603 Datasheet
529Kb / 2P
Screw adapter with fixing screw
2021-10-01
logo
TDK Electronics
B41456B5220M600 TDK-B41456B5220M600 Datasheet
51Kb / 1P
Capacitors with Screw Terminals
B41456B5689M600 TDK-B41456B5689M600 Datasheet
51Kb / 1P
Capacitors with Screw Terminals
B41456B7100M603 TDK-B41456B7100M603 Datasheet
52Kb / 2P
Capacitors with Screw Terminals
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com