Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD10MPS12A Datasheet (PDF) - GeneSiC Semiconductor, Inc.

GD10MPS12A Datasheet PDF - GeneSiC Semiconductor, Inc.
Part # GD10MPS12A
Download  GD10MPS12A Download
File Size   509.24 Kbytes
Page   7 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description 1200V 10A SiC Schottky MPS™ Diode

GD10MPS12A Datasheet (PDF)

Go To PDF Page Download Datasheet
GD10MPS12A Datasheet PDF - GeneSiC Semiconductor, Inc.

Part # GD10MPS12A
Download  GD10MPS12A Click to download

File Size   509.24 Kbytes
Page   7 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description 1200V 10A SiC Schottky MPS™ Diode

GD10MPS12A Datasheet (HTML) - GeneSiC Semiconductor, Inc.


GD10MPS12A Product details

Features
• Gen4 Thin Chip Technology for Low VF
• Superior Figure of Merit QC *VF
• 100% Avalanche (UIL) Tested
• Enhanced Surge Current Withstand Capability
• Temperature Independent Fast Switching
• Low Thermal Resistance
• Positive Temperature Coefficient of VF
• High dV/dt Ruggedness

Applications
• Power Factor Correction (PFC)
• Solar Inverters
• Battery Chargers
• High Frequency Converters
• Switched Mode Power Supply (SMPS)
• AC/DC Power Supplies
• Anti-Parallel / Free-Wheeling Diode
• LED and HID Lighting




Similar Part No. - GD10MPS12A

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GD10MPS17H GENESIC-GD10MPS17H Datasheet
517Kb / 7P
1700V 10A SiC Schottky MPS??Diode
More results


Similar Description - GD10MPS12A

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GD02MPS12E GENESIC-GD02MPS12E Datasheet
500Kb / 7P
1200V 2A SiC Schottky MPS??Diode
GD2X30MPS12N GENESIC-GD2X30MPS12N Datasheet
572Kb / 7P
1200V 60A SiC Schottky MPS??Diode
GD2X50MPS12N GENESIC-GD2X50MPS12N Datasheet
647Kb / 7P
1200V 100A SiC Schottky MPS??Diode
GD10MPS17H GENESIC-GD10MPS17H Datasheet
517Kb / 7P
1700V 10A SiC Schottky MPS??Diode
GD30MPS12-CAL GENESIC-GD30MPS12-CAL Datasheet
304Kb / 6P
1200V 30A SiC Schottky MPS??Diode
GD50MPS12-CAL GENESIC-GD50MPS12-CAL Datasheet
300Kb / 6P
1200V 50A SiC Schottky MPS??Diode
GD100MPS12-CAL GENESIC-GD100MPS12-CAL Datasheet
302Kb / 6P
1200V 100A SiC Schottky MPS??Diode
GE10MPS06A GENESIC-GE10MPS06A Datasheet
511Kb / 7P
650V 10A SiC Schottky MPS??Diode
GE10MPS06E GENESIC-GE10MPS06E Datasheet
506Kb / 7P
650V 10A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D1210KSD UNITEDSIC-UJ3D1210KSD Datasheet
332Kb / 6P
10A -1200V SiC Schottky Diode
Rev. C, February 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com