Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP275 Datasheet (PDF) - Texas Instruments

TMP275 Datasheet PDF - Texas Instruments
Part # TMP275
Download  TMP275 Download
File Size   791.04 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP275 ±0.5°C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout

TMP275 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP275 Datasheet PDF - Texas Instruments

Part # TMP275
Download  TMP275 Click to download

File Size   791.04 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP275 ±0.5°C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout

TMP275 Datasheet (HTML) - Texas Instruments


TMP275 Product details

1 Features
1• High Accuracy:
– ±0.5°C (Maximum) From −20°C to 100°C
– ±1°C (Maximum) From −40°C to 125°C
• Low Quiescent Current:
– 50 μA (Typical)
– 0.1-μA Standby
• Resolution: 9 to 12 Bits, User-Selectable
• Digital Output: SMBus™, Two-Wire, and I2C
Interface Compatibility
• 8 I2C/SMBus Addresses
• Wide Supply Range: 2.7 V to 5.5 V
• Small VSSOP-8 and SOIC-8 Packages
• No Specified Power-up Sequence Required; Two-
Wire Bus Pullups May Be Enabled Before V+

2 Applications
• Power-Supply Temperature Monitoring
• Computer Peripheral Thermal Protection
• Battery Management
• Office Machines
• Servers
• Thermostat Controls
• Environmental Monitoring and HVAC
• Electromechanical Device Temperature
• Data Logger

3 Description
The TMP275 is a ±0.5°C accurate integrated digital
temperature sensor with a 12-bit analog-to-digital
converter (ADC) that can operate as low as 2.7-V
supply voltage and is pin- and register-compatible
with the Texas Instruments LM75, TMP75, TMP75B,
and TMP175 devices. This device is available in
SOIC-8 and VSSOP-8 packages, and it requires no
external components to sense the temperature. The
TMP275 is capable of reading temperatures with a
maximum resolution of 0.0625°C (12 bits) and as low
as 0.5°C (9 bits), which allows the user to maximize
efficiency by programming for higher resolution or
faster conversion time. The device is specified over a
temperature range of –40°C to 125°C.
The TMP275 device features SMBus and two-wire
interface compatibility, and allows up to eight devices
on the same bus with the SMBus overtemperature
alert function. The factory-calibrated temperature
accuracy and the noise-immune digital interface
make the TMP275 the preferred solution for
temperature compensation of other sensors and
electronic components, without the need for
additional system-level calibration or elaborate board
layout for distributed temperature sensing.




Similar Part No. - TMP275

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
0.5째C Digital Out Temperature Sensor
logo
Texas Instruments
TMP275 TI-TMP275 Datasheet
832Kb / 19P
0.5 C Digital Out Temperature Sensor
TMP275 TI2-TMP275 Datasheet
801Kb / 35P
TMP275-Q1 Automotive Grade ±0.75°C Temperature Sensor with I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
REVISED APRIL 2017
TMP275-Q1 TI1-TMP275-Q1 Datasheet
553Kb / 31P
Automotive Grade Temperature Sensor
TMP275-Q1 TI2-TMP275-Q1 Datasheet
801Kb / 35P
TMP275-Q1 Automotive Grade ±0.75°C Temperature Sensor with I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
REVISED APRIL 2017
More results


Similar Description - TMP275

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP175-Q1 TI1-TMP175-Q1 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP275 TI1-TMP275_15 Datasheet
1,012Kb / 33P
TMP275 짹0.5째C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
logo
Delta Electronics, Inc.
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
Industry standard footprint and pinout
logo
Texas Instruments
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com