Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP303ADRLR.B Datasheet (PDF) - Texas Instruments

TMP303ADRLR.B Datasheet PDF - Texas Instruments
Part # TMP303ADRLR.B
Download  TMP303ADRLR.B Download
File Size   931.29 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP303 Easy-to-Use, Low-Power, 1°C, Low-Supply Temperature Range Monitor In Micropackage

TMP303ADRLR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP303ADRLR.B Datasheet PDF - Texas Instruments

Part # TMP303ADRLR.B
Download  TMP303ADRLR.B Click to download

File Size   931.29 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP303 Easy-to-Use, Low-Power, 1°C, Low-Supply Temperature Range Monitor In Micropackage

TMP303ADRLR.B Datasheet (HTML) - Texas Instruments


TMP303ADRLR.B Product details

1 Features
1• Low Power: 5 μA (Maximum)
• SOT-563 Package: 1.60 × 1.60 × 0.6 mm
• Trip Point Accuracy:
– ±0.2°C (Typical) from –40°C to 125°C
• Push-Pull Output
• Selectable Hysteresis: 1/2/5/10°C
• Supply Voltage Range: 1.4 V to 3.6 V

2 Applications
• Battery Charging
• Battery Thermal Protection
• Consumer Electronics
• Enterprise
• Telecom

3 Description
The TMP303 devices are temperature range monitors
that offer design flexibility through an extra small
footprint (SOT-563), low power (5 μA maximum) and
low supply voltage capability (as low as 1.4 V).
These devices require no additional components for
operation; each can function independent of
microprocessors or microcontrollers.
There are seven trip points available see Device
Options. Trip points can be programmed at the
factory to any desired temperature. For applications
that require different values, contact your local TI
representative.
The OUT pin is a push-pull, active-high output. When
the measured temperature is beyond the trip point
range, and the Set Output High (SOH) pin is low, the
OUT pin is high. The SOH pin is an input pin with an
internal pulldown resistor. When the SOH pin is
forced high, the OUT pin goes high regardless of the
measured temperature.




Similar Part No. - TMP303ADRLR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP303ADRLR TI1-TMP303ADRLR Datasheet
656Kb / 15P
Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303ADRLR TI1-TMP303ADRLR Datasheet
1Mb / 24P
Temperature Range Monitor In Micropackage
TMP303ADRLR TI1-TMP303ADRLR Datasheet
1Mb / 22P
Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
More results


Similar Description - TMP303ADRLR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302A TI-TMP302A Datasheet
415Kb / 11P
Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
Temperature Range Monitor In Micropackage
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
Texas Instruments
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com