Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS3705 Datasheet (PDF) - Texas Instruments

TMS3705 Datasheet PDF - Texas Instruments
Part # TMS3705
Download  TMS3705 Download
File Size   822.36 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMS3705 Transponder Base Station IC

TMS3705 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMS3705 Datasheet PDF - Texas Instruments

Part # TMS3705
Download  TMS3705 Click to download

File Size   822.36 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMS3705 Transponder Base Station IC

TMS3705 Datasheet (HTML) - Texas Instruments


TMS3705 Product details

1 Features
• Base station IC for TI-RFid™ RF identification
systems
• Drives antenna
• Sends modulated data to antenna
• Detects and demodulates transponder response
(FSK)
• Short-circuit protection
• Diagnosis
• Sleep mode supply current: 0.2 mA
• Designed for automotive requirements
• 16-pin SOIC (D) package

2 Applications
• Car Access
• Immobilization
• Building Access
• Livestock Reader

3 Description
The TMS3705 transponder base station IC is used to drive the antenna of a TI-RFid transponder system, to
send data modulated on the antenna signal, and to detect and demodulate the response of the transponder.
The response of the transponder is a frequency shift keyed (FSK) signal. The high or low bits are coded in two
different high-frequency signals (134.2 kHz for low bits and 123 kHz for high bits, nominal). The transponder
induces these signals in the antenna coil according an internally stored code. The energy that the transponder
needs to send out the data is stored in a charge capacitor in the transponder. The antenna field charges this
capacitor in a preceding charge phase. The IC has an interface to an external microcontroller.
There are two configurations for the clock supply to both the microcontroller and the base station IC:
1. The microcontroller and base station IC are supplied with a clock signal derived from only one resonator:
The resonator is attached to the microcontroller. The base station IC is supplied with a clock signal driven by
the digital clock output of the microcontroller. The clock frequency is either 4 MHz or 2 MHz, depending on
the selected microcontroller type.
2. The microcontroller and the base station each have their own resonator.
The base station IC has an on-chip PLL that generates a clock frequency of 16 MHz for internal
clock supply only. Only TMS3705DDRQ1 and TMS3705GDRQ1 is recommended in combination with AES
transponder products (for example, TRPWS21GTEA or RF430F5xxx). TMS3705EDRQ1 and TMS3705FDRQ1
is recommended for best performance in combination with DST40, DST80, MPT transponders (for example,
TMS37145TEAx, TMS37126xx, TMS37x128xx, TMS37x136xx, TMS37x158xx, RI-TRP-DR2B-xx, RI-TRPBRHP-
xx) and cannot be used in combination with AES transponder products.




Similar Part No. - TMS3705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS3705 TI-TMS3705 Datasheet
494Kb / 23P
TRANSPONDER BASE STATION IC
TMS3705 TI1-TMS3705 Datasheet
960Kb / 30P
Transponder Base Station IC
TMS3705 TI1-TMS3705 Datasheet
960Kb / 28P
Transponder Base Station IC
TMS3705 TI-TMS3705 Datasheet
855Kb / 26P
TMS3705 Transponder Base Station IC
REVISED JUNE 2023
TMS3705A TI-TMS3705A Datasheet
31Kb / 1P
RADIO FREQUENCY I DENTIFICATION SYSTEMS
More results


Similar Description - TMS3705

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2270B TEMIC-U2270B Datasheet
146Kb / 13P
Read / Write Base Station IC
logo
Texas Instruments
RI-TMS3705ADR TI-RI-TMS3705ADR Datasheet
149Kb / 1P
LF Base Station IC TMS3705ADR
RI-TMS3705ADR TI-RI-TMS3705ADR_06 Datasheet
72Kb / 3P
LF BASE STATION IC
logo
Pericom Semiconductor C...
RI-TMS3705ADR PERICOM-RI-TMS3705ADR_08 Datasheet
88Kb / 4P
LF BASE STATION IC
logo
Texas Instruments
TMS3705ADR TI-TMS3705ADR Datasheet
149Kb / 1P
LF Base Station IC
TMS3705 TI-TMS3705 Datasheet
494Kb / 23P
TRANSPONDER BASE STATION IC
TMS3705 TI1-TMS3705_16 Datasheet
960Kb / 30P
Transponder Base Station IC
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
Personal Radio Base Station and 5G Base Station
logo
Texas Instruments
TMS3705 TI1-TMS3705_18 Datasheet
960Kb / 28P
Transponder Base Station IC
TMS3705 TI-TMS3705_V01 Datasheet
855Kb / 26P
TMS3705 Transponder Base Station IC
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com