Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1072 Datasheet (PDF) - Texas Instruments

TMUX1072 Datasheet PDF - Texas Instruments
Part # TMUX1072
Download  TMUX1072 Download
File Size   937.47 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX1072 2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection

TMUX1072 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX1072 Datasheet PDF - Texas Instruments

Part # TMUX1072
Download  TMUX1072 Click to download

File Size   937.47 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX1072 2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection

TMUX1072 Datasheet (HTML) - Texas Instruments


TMUX1072 Product details

1 Features
1• Supply range 2.3 V to 5.5 V
• Powered off protection: I/O pins Hi-Z when
VCC = 0 V
• 6-V Overvoltage and overtemperature detection
with fault indicator pin
• 18-V Overvoltage protection (OVP) on common
pins
• Support signals beyond VCC up to 5.5 V
• Low RON of 6 Ω
• BW of 1.2 GHz typical
• CON of 4.5 pF typical
• Low power disable mode
• 1.8-V Compatible logic inputs
• ESD protection exceeds JESD22
– 2000-V Human body model (HBM)
• Small 2.00 mm x 1.70 mm QFN package available

2 Applications
• Data acquisition (DAQ)
• Field instrumentation
• Video surveillance
• HVAC systems
• Rear camera

3 Description
The TMUX1072 is a high-speed, 2-channel, 2:1,
analog switch with integrated overvoltage detection
and powered off protection. The device is
bidirectional and can be used as a 2:1 or 1:2 switch
while supporting signals beyond VCC up to 5.5 V.
The protection on the I/O pins of the TMUX1072
tolerates a maximum of 18 V with automatic shutoff
circuitry to prevent damage to system components
behind the switch. This protection is used for power
sequencing. Some boards in the system may be
powered up before others are ready to receive
signals. The device detects overvoltage and
overtemperature events, and provides an open drain
output signal through the FLT pin.




Similar Part No. - TMUX1072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072 Datasheet
993Kb / 26P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072DGSR TI1-TMUX1072DGSR Datasheet
388Kb / 21P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072DGSR TI1-TMUX1072DGSR Datasheet
993Kb / 26P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072RUTR TI1-TMUX1072RUTR Datasheet
993Kb / 26P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
More results


Similar Description - TMUX1072

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
1999 07
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
1999 12
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
logo
Linear Integrated Syste...
LS-508A LINEAR-LS-508A Datasheet
209Kb / 2P
Single 8-Channel CMOS Analog Multiplexer with active overvoltage protection
logo
Intersil Corporation
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
January 2001
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
August 11, 2009
logo
Maxim Integrated Produc...
MAX9396 MAXIM-MAX9396 Datasheet
168Kb / 13P
2:1 Multiplexer and 1:2 Demultiplexer with Loopback
Rev 0; 1/07
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
2-channel analog multiplexer/demultiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com