Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2011D1 Datasheet (PDF) - Texas Instruments

TPA2011D1 Datasheet PDF - Texas Instruments
Part # TPA2011D1
Download  TPA2011D1 Download
File Size   858.26 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA2011D1 3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection

TPA2011D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA2011D1 Datasheet PDF - Texas Instruments

Part # TPA2011D1
Download  TPA2011D1 Click to download

File Size   858.26 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA2011D1 3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection

TPA2011D1 Datasheet (HTML) - Texas Instruments


TPA2011D1 Product details

1 Features
1• Powerful Mono Class-D Amplifier
– 3.24 W (4 Ω, 5 V, 10% THDN)
– 2.57 W (4 Ω, 5 V, 1% THDN)
– 1.80 W (8 Ω, 5 V, 10% THDN)
– 1.46 W (8 Ω, 5 V, 1% THDN)
• Integrated Feedback Resistor of 300 kΩ
• Integrated Image Reject Filter for DAC Noise
Reduction
• Low Output Noise of 20 μV
• Low Quiescent Current of 1.5 mA
• Auto Recovering Short-Circuit Protection
• Thermal Overload Protection
• 9-Ball, 1.21mm x 1.16 mm 0.4 mm Pitch DSBGA

2 Applications
• Wireless or Cellular Handsets and PDAs
• Portable Navigation Devices
• General Portable Audio Devices

3 Description
The TPA2011D1 is a 3.2-W high efficiency filter-free
class-D audio power amplifier (class-D amp) in a 1.21 mm × 1.16 mm wafer chip scale package
(DSBGA) that requires only three external
components.
Features like 95% efficiency, 86-dB PSRR, 1.5 mA
quiescent current and improved RF immunity make
the TPA2011D1 class-D amp ideal for cellular handsets. A fast start-up time of 4 ms with no audible
turn-on pop makes the TPA2011D1 ideal for PDA
and smart-phone applications. The TPA2011D1
allows independent gain while summing signals from
separate sources, and has a low 20 μV noise floor.




Similar Part No. - TPA2011D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1 Datasheet
1Mb / 32P
3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1YFFR TI-TPA2011D1YFFR Datasheet
619Kb / 23P
3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
840Kb / 24P
3.2W Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
1Mb / 30P
Mono Filter-Free Class-D Audio Power Amplifier
More results


Similar Description - TPA2011D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com