Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2026D2 Datasheet (PDF) - Texas Instruments

TPA2026D2 Datasheet PDF - Texas Instruments
Part # TPA2026D2
Download  TPA2026D2 Download
File Size   935.28 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression

TPA2026D2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA2026D2 Datasheet PDF - Texas Instruments

Part # TPA2026D2
Download  TPA2026D2 Click to download

File Size   935.28 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression

TPA2026D2 Datasheet (HTML) - Texas Instruments


TPA2026D2 Product details

1 Features
1• Fast AGC Start-Up Time: 5 ms
• Pinout Compatible With TPA2016D2
• Filter-Free Class-D Architecture
• 3.2 W/Ch Into 4 Ω at 5 V (10% THD+N)
• 750 mW/Ch Into 8 Ω at 3.6 V (10% THD+N)
• Power Supply Range: 2.5 V to 5.5 V
• Flexible Operation With or Without I2C
• Programmable DRC and AGC Parameters
• Digital I2C Volume Control
• Selectable Gain from 0 dB to 30 dB in 1-dB Steps
• Selectable Attack, Release, and Hold Times
• 4 Selectable Compression Ratios
• Low Supply Current: 3.5 mA
• Low Shutdown Current: 0.2 μA
• High PSRR: 80 dB
• AGC Enable or Disable Function
• Limiter Enable or Disable Function
• Short-Circuit and Thermal Protection
• Space-Saving Package
– 2.2 mm × 2.2 mm Nano-Free™ DSBGA (YZH)

2 Applications
• Wireless or Cellular Handsets and PDAs
• Portable Navigation Devices
• Portable DVD Players
• Notebook PCs
• Portable Radios
• Portable Games
• Educational Toys
• USB Speakers

3 Description
The TPA2026D2 device is a stereo, filter-free Class-D
audio power amplifier with volume control, dynamic
range compression (DRC), and automatic gain
control (AGC). It is available in a 2.2 mm × 2.2 mm
DSBGA package.
The DRC and AGC function in the TPA2026D2 is
programmable through a digital I2C interface. The
DRC and AGC function can be configured to
automatically prevent distortion of the audio signal
and enhance quiet passages that are normally not
heard. The DRC and AGC can also be configured to
protect the speaker from damage at high power
levels and compress the dynamic range of music to fit
within the dynamic range of the speaker. The gain
can be selected from 0 dB to +30 dB in 1-dB steps.
The TPA2026D2 is capable of driving 3.2 W/Ch at 5
V into an 4-Ω load or 750 mW/Ch at 3.6 V into an 8-Ω
load. The device features independent software
shutdown controls for each channel and also provides
thermal and short-circuit protection. The TPA2026D2
has faster AGC gain ramp during start-up than
TPA2016D2.
In addition to these features, a fast start-up time and
small package size make the TPA2026D2 an ideal
choice for cellular handsets, PDAs, and other
portable applications.




Similar Part No. - TPA2026D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
1Mb / 40P
TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2026D2YZHR TI-TPA2026D2YZHR Datasheet
726Kb / 36P
3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2YZHT TI-TPA2026D2YZHT Datasheet
726Kb / 36P
3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
More results


Similar Description - TPA2026D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com