Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3002D2 Datasheet (PDF) - Texas Instruments

TPA3002D2 Datasheet PDF - Texas Instruments
Part # TPA3002D2
Download  TPA3002D2 Download
File Size   862.22 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL

TPA3002D2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA3002D2 Datasheet PDF - Texas Instruments

Part # TPA3002D2
Download  TPA3002D2 Click to download

File Size   862.22 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL

TPA3002D2 Datasheet (HTML) - Texas Instruments


TPA3002D2 Product details

FEATURES
9-W/Ch Into an 8-Ω Load From 12-V Supply
Efficient, Class-D Operation Eliminates
Heatsinks and Reduces Power Supply
Requirements
32-Step DC Volume Control From −40 dB to
36 dB
Line Outputs For External Headphone
Amplifier With Volume Control
Regulated 5-V Supply Output for Powering
TPA6110A2
Space-Saving, Thermally-Enhanced
PowerPAD Packaging
Thermal and Short-Circuit Protection

APPLICATIONS
LCD Monitors and TVs
Powered Speakers

DESCRIPTION
The TPA3002D2 is a 9-W (per channel) efficient, Class-D
audio amplifier for driving bridged-tied stereo speakers.
The TPA3002D2 can drive stereo speakers as low as 8 Ω.
The high efficiency of the TPA3002D2 eliminates the need
for external heatsinks when playing music.
Stereo speaker volume is controlled with a dc voltage
applied to the volume control terminal offering a range of
gain from –40 dB to 36 dB. Line outputs, for driving external
headphone amplifier inputs, are also dc voltage controlled
with a range of gain from –56 dB to 20 dB.
An integrated 5-V regulated supply is provided for
powering an external headphone amplifier.




Similar Part No. - TPA3002D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
685Kb / 38P
9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
TPA3002D2PHP TI-TPA3002D2PHP Datasheet
372Kb / 34P
9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2PHP TI-TPA3002D2PHP Datasheet
685Kb / 38P
9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
TPA3002D2PHPG4 TI-TPA3002D2PHPG4 Datasheet
685Kb / 38P
9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
More results


Similar Description - TPA3002D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2_07 Datasheet
685Kb / 38P
9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Texas Instruments
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com