Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP411-Q1 Datasheet (PDF) - Texas Instruments

TMP411-Q1 Datasheet PDF - Texas Instruments
Part # TMP411-Q1
Download  TMP411-Q1 Download
File Size   912.28 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction

TMP411-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP411-Q1 Datasheet PDF - Texas Instruments

Part # TMP411-Q1
Download  TMP411-Q1 Click to download

File Size   912.28 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction

TMP411-Q1 Datasheet (HTML) - Texas Instruments


TMP411-Q1 Product details

1 Features
1• ±1°C Remote Diode Sensor
• ±1°C Local Temperature Sensor
• Programmable Non-Ideality Factor
• Series Resistance Cancellation
• Alert Function
• Offset Registers for System Calibration
• Pin and Registers Compatible With ADT7461 and
ADM1032
• Programmable Resolution: 9 to 12 Bits
• Programmable Threshold Limits
• Two-Wire and SMBus Serial Interface
• Minimum and Maximum Temperature Monitors
• Multiple Interface Addresses
• ALERT and THERM2 Pin Configuration
• Diode Fault Detection

2 Applications
• LCD and DLP and LCOS Projectors
• Servers
• Industrial Controllers
• Central Office Telecom Equipment
• Desktop and Notebook Computers
• Storage Area Networks (SAN)
• Industrial and Medical Equipment
• Processor and FPGA Temperature Monitoring

3 Description
The TMP411 device is a remote temperature sensor
monitor with a built-in local temperature sensor. The
remote temperature-sensor, diode-connected
transistors are typically low-cost, NPN- or PNP-type
transistors or diodes that are an integral part of
microcontrollers, microprocessors, or FPGAs.
Remote accuracy is ±1°C for multiple device
manufacturers, with no calibration needed. The twowire
serial interface accepts SMBus write byte, read
byte, send byte and receive byte commands to
program the alarm thresholds and to read
temperature data.
Features that are included in the TMP411 device are:
series resistance cancellation, programmable nonideality
factor, programmable resolution,
programmable threshold limits, user-defined offset
register for maximum accuracy, minimum and
maximum temperature monitors, wide remote
temperature measurement range (up to 150°C), diode
fault detection, and temperature alert function.
The TMP411 device is available in VSSOP-8 and
SOIC-8 packages.




Similar Part No. - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI2-TMP411-Q1 Datasheet
2Mb / 60P
TMP411-Q1 ±1°C and TMP411D-Q1 ±0.8°C Remote and Local Temperature Sensors with N-Factor and Series Resistance Correction
REVISED SEPTEMBER 2025
TMP411-Q1 TI2-TMP411-Q1 Datasheet
2Mb / 61P
TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
REVISED JULY 2025
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
More results


Similar Description - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com