Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD485 Datasheet (PDF) - Shenzhen Xinluda Information Technology Co., Ltd

XD485 Datasheet PDF - Shenzhen Xinluda Information Technology Co., Ltd
Part # XD485
Download  XD485 Download
File Size   2407.39 Kbytes
Page   8 Pages
Manufacturer  XINLUDA [Shenzhen Xinluda Information Technology Co., Ltd]
Direct Link  https://www.xinluda.com/en/
Logo XINLUDA - Shenzhen Xinluda Information Technology Co., Ltd
Description The x485 are low-power transceivers for RS-485 and RS422 communication

XD485 Datasheet (PDF)

Go To PDF Page Download Datasheet
XD485 Datasheet PDF - Shenzhen Xinluda Information Technology Co., Ltd

Part # XD485
Download  XD485 Click to download

File Size   2407.39 Kbytes
Page   8 Pages
Manufacturer  XINLUDA [Shenzhen Xinluda Information Technology Co., Ltd]
Direct Link  https://www.xinluda.com/en/
Logo XINLUDA - Shenzhen Xinluda Information Technology Co., Ltd
Description The x485 are low-power transceivers for RS-485 and RS422 communication

XD485 Datasheet (HTML) - Shenzhen Xinluda Information Technology Co., Ltd


XD485 Product details

General Description
The x485 are low-power transceivers for RS-485 and RS422 communication. Each part contains one driver and one
Receiver The driver slew rates of the x485
are not limited, allowing them to
transmit up to 2.5Mbps.
These transceivers draw between 120µA and 500µA of
supply current when unloaded or fully loaded with disabled

Applications
Low-Power RS-485 Transceivers
Low-Power RS-422 Transceivers
Level Translators
Transceivers for EMI-Sensitive Applications
Industrial-Control Local Area Networks




Similar Part No. - XD485

ManufacturerPart #DatasheetDescription
logo
Dubilier
XD41 DUBILIER-XD41 Datasheet
60Kb / 1P
SOUNDERS MECHANICAL BUZZERS
logo
Schneider Electric
XD4PA12 SCHNEIDER-XD4PA12 Datasheet
183Kb / 5P
Harmony XB4, Joystick controller plastic, 횠22, 2 directions, stay put, 1 NO
Sep 29, 2021
XD4PA14 SCHNEIDER-XD4PA14 Datasheet
185Kb / 5P
Harmony XB4, Joystick controller plastic, 횠22, 4 directions, stay put, 1 NO
Sep 29, 2021
XD4PA1656241 SCHNEIDER-XD4PA1656241 Datasheet
104Kb / 2P
XD4 joystick controller with 50mm shaft
Sep 29, 2021
XD4PA22 SCHNEIDER-XD4PA22 Datasheet
183Kb / 5P
Harmony XB4, Joystick controller plastic, 횠22, 2 directions, spring return, 1 NO
Sep 29, 2021
More results


Similar Description - XD485

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
Low Power Half-Duplex RS-485 Transceivers
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
Low Power Half-Duplex RS-485 Transceivers
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP485 LEIDITECH-SP485 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com