Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9628P Datasheet (PDF) - uPI Group Inc.

UP9628P Datasheet PDF - uPI Group Inc.
Part # UP9628P
Download  UP9628P Download
File Size   1170.46 Kbytes
Page   15 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description High Performance Single-Phase Synchronous Buck Converter

UP9628P Datasheet (PDF)

Go To PDF Page Download Datasheet
UP9628P Datasheet PDF - uPI Group Inc.

Part # UP9628P
Download  UP9628P Click to download

File Size   1170.46 Kbytes
Page   15 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description High Performance Single-Phase Synchronous Buck Converter

UP9628P Datasheet (HTML) - uPI Group Inc.


UP9628P Product details

Description
The uP9628P is a high performance synchronous buck converter specifically designed to work with 2.7V~22V input
voltage and deliver high quality output voltage for microprocessor and chipset supplies.
The uP9628P provides flexible selection of output LC filter and excellent transient response to load and line regulation.
The uP9628P has complete functions including under voltage protection, over voltage protection, current limit
protection, soft-start, power good indication and over temperature protection. This part is available in WQFN4X4-23L
package.

Features
 Support NVIDIA Open VReg Type 1 Technology
 Wide Input Voltage Range from 2.7V to 22V
 Output Current Up to 12A
 Adjustable Output Voltage from 0.6V to 2.5V
 Selectable Operation Frequency from 300kHz
to 600kHz
 Constant On Time Control
 Fast Load Transient Response
 Adjustable Soft-Start Function
 Support Output Discharge (Soft-Off) Function
 Selectable Forced CCM or DCM
 Power Good Indication
 Current Limit Protection
 Over/Under Voltage Protection
 Over Temperature Protection
 RoHS Compliant and Halogen Free

Applications
 CPU Core I/O Supplies
 Graphic Cards
 Microprocessor and Chipset Supplies
 Desktop PCs, Notebook Computers




Similar Part No. - UP9628P

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP9620 UPI-UP9620 Datasheet
338Kb / 16P
Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
UP9620PQMI UPI-UP9620PQMI Datasheet
338Kb / 16P
Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
UP9620PQMY UPI-UP9620PQMY Datasheet
338Kb / 16P
Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
UP9625 UPI-UP9625 Datasheet
352Kb / 16P
Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
UP9625PQMY UPI-UP9625PQMY Datasheet
352Kb / 16P
Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
More results


Similar Description - UP9628P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
Two Phase Interleaved Synchronous Buck Converter
logo
Texas Instruments
UCD9111 TI-UCD9111 Datasheet
1Mb / 29P
SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
BCD Semiconductor Manuf...
AP3436 BCDSEMI-AP3436 Datasheet
532Kb / 15P
3A, 1.25MHz High Performance Synchronous Buck Converter
logo
ON Semiconductor
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
logo
Diodes Incorporated
AP3591 DIODES-AP3591 Datasheet
689Kb / 18P
SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
Rev 1
logo
ON Semiconductor
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
logo
uPI Group Inc.
UP1952 UPI-UP1952 Datasheet
230Kb / 13P
Single Phase Synchronous-Rectified Buck Converter
UP1952-MD UPI-UP1952-MD Datasheet
193Kb / 11P
Single Phase Synchronous-Rectified Buck Converter
UP1959 UPI-UP1959 Datasheet
175Kb / 13P
Single Phase Synchronous-Rectified Buck Converter
UP1959T-MD UPI-UP1959T-MD Datasheet
189Kb / 11P
Single Phase Synchronous-Rectified Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com