Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD12S015AYFFR Datasheet (PDF) - Texas Instruments

TPD12S015AYFFR Datasheet PDF - Texas Instruments
Part # TPD12S015AYFFR
Download  TPD12S015AYFFR Download
File Size   967.13 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD12S015A HDMI Companion Chip With Step-Up DC-DC, I2C Level Shifter, and High- Speed ESD Clamps

TPD12S015AYFFR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD12S015AYFFR Datasheet PDF - Texas Instruments

Part # TPD12S015AYFFR
Download  TPD12S015AYFFR Click to download

File Size   967.13 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD12S015A HDMI Companion Chip With Step-Up DC-DC, I2C Level Shifter, and High- Speed ESD Clamps

TPD12S015AYFFR Datasheet (HTML) - Texas Instruments


TPD12S015AYFFR Product details

1 Features
1• Conforms to HDMI Compliance Tests Without Any
External Components
• Supports HDMI 1.3 and HDMI 1.4 Data Rate
• Match Class D and Class C Pin Mapping
• Excellent Matching Capacitance (0.05 pF) in Each
Differential Signal Pair
• Internal Boost Converter to Generate 5 V From a
2.3-V to 5.5-V Battery Voltage
• Auto-Direction Sensing Level Shifting in the CEC,
SDA, and SCL Paths
• IEC 61000-4-2 (Level 4) System Level ESD
Compliance
• Improved Drop-In Replacement for the Industry
Popular TPD12S015A
• Industrial Temperature Range: –40°C to 85°C

2 Applications
• Smart Phones
• eBooks
• Tablet PCs
• Digital Camcorders
• Portable Game Consoles
• Digital Still Cameras

3 Description
The TPD12S015A device is an integrated HDMI
companion chip solution. This device offers 8 low
capacitance ESD clamps allowing HDMI 1.3/1.4 data
rates. The 0.4-mm pitch DSBGA package pin
mapping matches the HDMI Type D or Type C
connectors. The integrated ESD clamps in monolithic
silicon technology provide good matching between
each differential signal pair. This provides an
advantage over discrete ESD clamp solutions where
variations between ESD clamps degrade the
differential signal quality.
The TPD12S015A provides a regulated 5-V output
(5VOUT) for sourcing the HDMI power line. The
5VOUT pin supplies minimum 55 mA to the HDMI
receiver while meeting the HDMI 5VOUT
specifications. The 5VOUT and the hot plug detect
(HPD) circuitry are independent of the LS_OE control
signal; they are controlled by the CT_CP_HPD pin.
This independent control enables the detection
scheme (5VOUT + HPD) to be active before enabling
the HDMI link. The HPD_B port has a glitch filter to
avoid false detection due to the bouncing while
inserting the HDMI plug.
There are three noninverting bidirectional translation
circuits for the SDA, SCL, and CEC lines; they are
controlled by the LS_OE control signal. Each have a
common power rail (VCCA) on the A side from 1.1 V
to 3.6 V. On the B side, the SCL_B and SDA_B each
have an internal 1.75-kΩ pullup connected to the
regulated 5-V rail (5VOUT). The SCL and SDA pins
meet the I2C specifications, and drive at least 750-pF
loads which exceeds the HDMI cable specification.
An LDO generates a 3.3-V internal rail for the CEC
line operation when LS_OE = H & CT_CP_HPD = H.
The CEC_B pin has a 26-kΩ pullup to this internal
3.3-V rail.
The TPD12S015A provides IEC61000-4-2 (Level 4)
ESD protection. This device is offered in a spacesaving
1.56-mm × 2.76-mm DSBGA package.




Similar Part No. - TPD12S015AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015AYFFR TI1-TPD12S015AYFFR Datasheet
1Mb / 33P
HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
More results


Similar Description - TPD12S015AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com