Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4E001 Datasheet (PDF) - Texas Instruments

TPD4E001 Datasheet PDF - Texas Instruments
Part # TPD4E001
Download  TPD4E001 Download
File Size   962.53 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD4E001-Q1 4-Channel ESD Protection Array With 1.5-pF I/O Capacitance

TPD4E001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD4E001 Datasheet PDF - Texas Instruments

Part # TPD4E001
Download  TPD4E001 Click to download

File Size   962.53 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD4E001-Q1 4-Channel ESD Protection Array With 1.5-pF I/O Capacitance

TPD4E001 Datasheet (HTML) - Texas Instruments


TPD4E001 Product details

1 Features
1• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 3B
– HBM Level 15 kV
– Device CDM ESD Classification Level C5
• IEC 61000-4-2 Level 4 ESD Protection
– ±8-kV Contact Discharge
– ±15-kV Air-Gap Discharge
• IEC 61000-4-5 Surge Protection
– 5.5 A (8/20 μs)
• Low 1.5-pF Input Capacitance
• Low 10-nA Maximum Leakage Current
• 0.9-V to 5.5-V Supply Voltage Range

2 Applications
• End Equipment
– Automotive Head Unit
– Automotive Rear Seat Entertainment
– Automotive Rear Camera Systems
• Interfaces
– USB 2.0
– Ethernet
– Precision Analog Interfaces

3 Description
The TPD4E001-Q1 device is a low-capacitance TVS
diode array designed for ESD protection in sensitive
electronics connected to communication lines. Each
channel consists of a pair of transient-voltagesuppression
diodes that steer ESD pulses to VCC or
GND. The TPD4E001-Q1 protects against ESD
events up to ±8-kV contact discharge and ±15-kV airgap
discharge, as specified in IEC 61000-4-2
international standard. This device has a low
capacitance of 1.5-pF per channel making it ideal for
use in high-speed data interfaces. The low leakage
current (10 nA maximum) ensures minimum power
consumption for the system and high accuracy for
analog interfaces.
Additionally, this device is ideal for protecting
automotive head units, automotive rear seat
entertainment, and automotive rear camera systems
that use USB 2.0, Ethernet, or precision analog
interfaces.




Similar Part No. - TPD4E001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001 TI-TPD4E001 Datasheet
200Kb / 10P
LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001 Datasheet
723Kb / 14P
LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001 Datasheet
744Kb / 19P
4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001 TI1-TPD4E001 Datasheet
1Mb / 28P
Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001 Datasheet
797Kb / 18P
4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
More results


Similar Description - TPD4E001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001 TI-TPD4E001_11 Datasheet
744Kb / 19P
4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
logo
HY ELECTRONIC CORP.
HYESD0514P HY-HYESD0514P Datasheet
253Kb / 4P
4 Channel Low Capacitance ESD Protection Diode Array
logo
Texas Instruments
TPD4E001-Q1 TI1-TPD4E001-Q1_14 Datasheet
732Kb / 14P
4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
logo
ON Semiconductor
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
4-Channel Low Capacitance ESD Protection Diodes Array
logo
Texas Instruments
TPD4E001-Q1 TI1-TPD4E001-Q1_15 Datasheet
797Kb / 18P
4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
logo
ON Semiconductor
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com