Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD6E004RSER Datasheet (PDF) - Texas Instruments

TPD6E004RSER Datasheet PDF - Texas Instruments
Part # TPD6E004RSER
Download  TPD6E004RSER Download
File Size   847.2 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD6E004 Low-Capacitance, 6-Channel ±15-kV ESD Protection Array for High-Speed Data Interfaces

TPD6E004RSER Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD6E004RSER Datasheet PDF - Texas Instruments

Part # TPD6E004RSER
Download  TPD6E004RSER Click to download

File Size   847.2 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD6E004 Low-Capacitance, 6-Channel ±15-kV ESD Protection Array for High-Speed Data Interfaces

TPD6E004RSER Datasheet (HTML) - Texas Instruments


TPD6E004RSER Product details

1 Features
• ESD protection exceeds JESD:
– ±15-kV human-body model (HBM)
– ±8-kV IEC 61000-4-2 contact discharge
– ±12-kV IEC 61000-4-2 air-gap discharge
• Low 1.6-pF I/O capacitance
• 0.9-V to 5.5-V supply-voltage range
• 6-channel device
• Space-saving UQFN (RSE) package

2 Applications
• USB
• Ethernet™
• FireWire™
• Video
• Cell phones
• SVGA video connections
• Glucose meters

3 Description
The TPD6E004 device is a low-capacitance, ±15-
kV ESD protection diode array designed to protect
sensitive electronics attached to communication lines.
Each channel consists of a pair of diodes that steers
ESD current pulses to VCC or GND. The TPD6E004
protects against ESD pulses up to
±15-kV human-body model (HBM), ±8-kV contact
ESD, and ±12-kV air-gap ESD as specified in
IEC 61000-4-2. This device has a typical 1.6-pF
capacitance per channel, making it an excellent
choice for use in high-speed data I/O interfaces.
The TPD6E004 device is available in the RSE
package and is specified for –40°C to +85°C
operation.
The TPD6E004 device is a 6-channel ESD
structure designed for USB, Ethernet, and FireWire
applications.




Similar Part No. - TPD6E004RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD6E004RSER TI-TPD6E004RSER Datasheet
484Kb / 12P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004RSER TI-TPD6E004RSER Datasheet
489Kb / 12P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004RSERG4 TI-TPD6E004RSERG4 Datasheet
489Kb / 12P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Similar Description - TPD6E004RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001 TI-TPD6E001 Datasheet
702Kb / 14P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI-TPD3E001 Datasheet
362Kb / 11P
LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004 TI-TPD6E004 Datasheet
484Kb / 12P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001 TI-TPD6E001_09 Datasheet
663Kb / 14P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004 TI-TPD6E004_09 Datasheet
489Kb / 12P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001_08 Datasheet
723Kb / 14P
LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001 TI-TPD6E001_10 Datasheet
501Kb / 12P
LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com