Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC2030 Datasheet (PDF) - Texas Instruments

TPIC2030 Datasheet PDF - Texas Instruments
Part # TPIC2030
Download  TPIC2030 Download
File Size   921.61 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPIC2030 Serial I/F Controlled 7-Channel Motor-Driver With 1-Channel Step Down Regulator

TPIC2030 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC2030 Datasheet PDF - Texas Instruments

Part # TPIC2030
Download  TPIC2030 Click to download

File Size   921.61 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPIC2030 Serial I/F Controlled 7-Channel Motor-Driver With 1-Channel Step Down Regulator

TPIC2030 Datasheet (HTML) - Texas Instruments


TPIC2030 Product details

1 Features
1• Serial Peripheral Interface
– Maximum Read/Write 35 MHz
– 3.3-V Digital I/O
• Actuator and Motor Driver
– PWM Control With H-Bridge Output
– Focus / Tracking / Tilt Actuator Driver With 12-
Bit DAC Control
– Sled Motor Drivers With Current Mode, 10-Bit
DAC Control
– Load Driver With 12-Bit DAC Control
– End Position Sensing for Sled Without Position
Sensor
• Spindle Motor Driver
– Integrated Spindle Current Sense Resistor
– Sensor-Less: Rotor Position Sense by Motor
BEMF
– 12-Bit Spindle DAC
– Quick Stop by Automatic Controlled Brake
(Auto Short Brake)
– LS Mode: Restricted to 25% of Normal Speed
• On-Chip Thermometer (15°C to 165°C/1.2°C)
• Software Controlled Switch for LED Driver With
0.1-A OCP
• Switch
– CSW: Low RDS(ON) Current Switch With
Selectable OCP Limit (Supposing Use <0.2 A)
– LED: Software Control Current Output Port
With 0.1-A OCP
• DC-DC Converter
– Pin Selectable Conversion Voltage 1.0 V/ 1.2
V/ 1.5 V/ 3.3 V (or Disable)
– Improved Efficiency at Low Current With
Discontinuous Regulation Mode
• Protection
– Individual Thermal Protect Circuit on
LED/CSW, Switch, DCDC Converter, SPM,
and Actuator
– Overcurrent Protection
– Undervoltage Lockout (UVLO) and
Overvoltage Protection (OVP)

2 Applications
• DVD Player
• CD Player
• Optical Disk Drive

3 Description
TPIC2030 is very-low noise type motor driver IC
suitable for slim or ultra-slim DVD reader/writer. The
integrated current sense resistance for the spindle
motor reduces cost and board area in designs. The
TPIC2030 is an integrated solution for driving the
spindle motor, sled motor, load motor, and Focus /
Tracking / Tilt actuators in an optical disk drive. It also
integrates a synchronous DC-DC converter to supply
1.0 or 3.3 V. The discontinuous mode regulation
feature on the DC-DC converter improves efficiency
at low power consumption.




Similar Part No. - TPIC2030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
Serial I/F Controlled 7-Channel Motor-Driver
TPIC2030DBTRG4 TI1-TPIC2030DBTRG4 Datasheet
1Mb / 61P
Serial I/F Controlled 7-Channel Motor-Driver
More results


Similar Description - TPIC2030

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9702T ROHM-BD9702T Datasheet
307Kb / 6P
1 Channel Step-down Switching Regulator
logo
Sanyo Semicon Device
LV5747TT SANYO-LV5747TT Datasheet
87Kb / 5P
1-channel Step-down Switching Regulator
LV5747QA SANYO-LV5747QA Datasheet
88Kb / 6P
1-channel Step-down Switching Regulator
LV5768V SANYO-LV5768V Datasheet
366Kb / 15P
1-channel Step-down Switching Regulator
LV5768M-TLM-H SANYO-LV5768M-TLM-H Datasheet
322Kb / 15P
1-channel Step-down Switching Regulator
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
Serial I/F Controlled 9-Channel Motor-Driver
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
Serial I/F Controlled 7-Channel Motor-Driver
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
Serial I/F Controlled 9-Channel Motor-Driver
TPIC2060A TI1-TPIC2060A Datasheet
1Mb / 65P
Serial I/F Controlled 9-Channel Motor Driver for ODD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com