Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC2040 Datasheet (PDF) - Texas Instruments

TPIC2040 Datasheet PDF - Texas Instruments
Part # TPIC2040
Download  TPIC2040 Download
File Size   835.23 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPIC2040 Serial I/F Controlled 7-Channel Motor-Driver for ODD Drive

TPIC2040 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC2040 Datasheet PDF - Texas Instruments

Part # TPIC2040
Download  TPIC2040 Click to download

File Size   835.23 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPIC2040 Serial I/F Controlled 7-Channel Motor-Driver for ODD Drive

TPIC2040 Datasheet (HTML) - Texas Instruments


TPIC2040 Product details

1 Features
• Serial Peripheral Interface (SPI)
– Maximum Read/Write 35 MHz
– 3.3-V Digital I/O
• Actuator and Motor Driver
– PWM Control With H-Bridge Output
– Focus / Tracking / Tilt Actuator Driver With 12-
Bit DAC Control
– Sled Motor Drivers With Current Mode, 10-Bit
DAC Control
– Load Driver With 12-Bit DAC Control
– Capable End Position Sensing for Sled
Without Position Sensor
• Spindle Motor Driver
– Integrated Spindle Current Sense Resistor
– Selectable Current Sense Resistor Value 0.27
to 0.20 Ω by Register Setting; Thereby, SPM
Current can be Restricted from 725 to 980 mA
– Sensor-Less: Rotor Position Sense by Motor
BEMF
– 12-Bit Spindle DAC Programmed Through
Serial Port
– Self-Contained Inductive Position Sense and
Startup
– Quick Stop by Automatic Controlled Brake
Named Auto Short Brake (Short and Active
Brake)
– 0.7-A Maximum Continuous Current Excluding
Thermal Issues
– LS Mode: Restricted to 25% of Normal Speed
• Utility Functions
– XRESET Signal With Digital Delay (POR) 20
ms
– Status Latch: Act Timer, SIF Error, PWR
Monitor, Thermal Protection, and OCP Error
• Switch
– CSW: Software Control Current Output Port
• LDO Pre-Driver
– 1-Channel LDO Pre-Driver for 3.3-V or 1.2-V
Output With External Transistor
• Protection
– Individual Thermal Protect Circuit on CSW,
SPM, and Act Channel
– Two Alert Levels: Pre-Detect and Detect in
Thermal Protection
– Overcurrent Protection Circuit in Load Driver
– Selectable OCP Threshold Level in CSW
Output
– Hardware Device Disable Pin XMUTE
– Power Monitor by Undervoltage Lockout
(UVLO) and Overvoltage Protection (OVP)

2 Applications
• DVD Player
• CD Player
• Optical Disk Drive

3 Description
TPIC2040 is a very-low noise type motor driver IC
suitable for slim or ultra-slim DVD reader/writer. This
IC includes integrated current sense resistance that
measures SPM current and reduces drive system cost. The 7-channel driver IC controlled by serial I/F
is optimum for driving a spindle motor, a sled motor,
a load motor, and Focus / Tracking / Tilt actuators.
The spindle motor driver uses BEMF detection for
sensorless startup and control of the spindle motor




Similar Part No. - TPIC2040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040DBTRG4 TI1-TPIC2040DBTRG4 Datasheet
1Mb / 57P
Serial I/F Controlled 7-Channel Motor-Driver
More results


Similar Description - TPIC2040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1938T SANYO-LB1938T Datasheet
38Kb / 5P
I CH MOTOR DRIVE
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
Serial I/F Controlled 9-Channel Motor-Driver
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
Serial I/F Controlled 7-Channel Motor-Driver
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
Serial I/F Controlled 9-Channel Motor-Driver
TPIC2060A TI1-TPIC2060A Datasheet
1Mb / 65P
Serial I/F Controlled 9-Channel Motor Driver for ODD
logo
Toshiba Semiconductor
TB67S103AFTG TOSHIBA-TB67S103AFTG Datasheet
1Mb / 39P
Serial-in controlled Bipolar Stepping Motor Driver
TB67S105FTG TOSHIBA-TB67S105FTG Datasheet
1Mb / 30P
8bit Serial controlled bipolar stepping motor driver
TB67S145FTG TOSHIBA-TB67S145FTG Datasheet
1Mb / 28P
Serial controlled unipolar stepping motor driver
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com