Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC6A595 Datasheet (PDF) - Texas Instruments

TPIC6A595 Datasheet PDF - Texas Instruments
Part # TPIC6A595
Download  TPIC6A595 Download
File Size   933.43 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPIC6A595 Power Logic 8-Bit Shift Register

TPIC6A595 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC6A595 Datasheet PDF - Texas Instruments

Part # TPIC6A595
Download  TPIC6A595 Click to download

File Size   933.43 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPIC6A595 Power Logic 8-Bit Shift Register

TPIC6A595 Datasheet (HTML) - Texas Instruments


TPIC6A595 Product details

1 Features
• Low rDS(on): 1Ω (Typical)
• Output short-circuit protection
• Avalanche energy: 75mJ
• Eight 350mA DMOS outputs
• 50V switching capability
• Devices are cascadable
• Low power consumption

2 Applications
• Instrumentation Clusters
• Tell-Tale Lamps
• LED Illumination and Controls
• Automotive Relay or Solenoids Drivers

3 Description
The TPIC6A595 is a monolithic, high-voltage, highcurrent
power logic 8-bit shift register designed for
use in systems that require relatively high load power.
The device contains a built-in voltage clamp on
the outputs for inductive transient protection. Power
driver applications include relays, solenoids, and
other medium-current or high-voltage loads. Each
open-drain DMOS transistor features an independent
chopping current-limiting circuit to prevent damage in
the case of a short circuit.
This device contains an 8-bit serial-in, parallel-out
shift register that feeds an 8-bit, D-type storage
register. Data transfers through both the shift and
storage registers on the rising edge of the shiftregister
clock (SRCK) and the register clock (RCK),
respectively. The storage register transfers data to
the output buffer when shift-register clear (SRCLR)
is high. Write data and read data are valid only
when RCK is low. When SRCLR is low, the input
shift register is cleared. When output enable (G) is
held high, all data in the output buffers is held low
and all drain outputs are off. When G is held low,
data from the storage register is transparent to the
output buffers. The serial output (SER OUT) allows
for cascading of the data from the shift register to
additional devices.
Outputs are low-side, open-drain DMOS transistors
with output ratings of 50V and a 350mA continuous
sink-current capability. When data in the output
buffers is low, the DMOS-transistor outputs are off.
When data is high, the DMOS-transistor outputs have
sink current capability.
Separate power ground (PGND) and logic ground
(LGND) terminals are provided to facilitate maximum
system flexibility. All PGND terminals are internally
connected, and each PGND terminal must be
externally connected to power system ground in
order to minimize parasitic impedence. A single-point
connection between LGND and PGND must be made
externally in a manner that reduces crosstalk between
the logic and load circuits.
The TPIC6A595 is offered in a thermally-enhanced
due-in-line (NE) package and a wide-body
surface-mount (DW) package. The TPIC6A595 is
characterized for operating over the operating case
termperau range of -40 to 125°C.




Similar Part No. - TPIC6A595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DW TI-TPIC6A595DW Datasheet
177Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DW TI1-TPIC6A595DW Datasheet
568Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWG4 TI1-TPIC6A595DWG4 Datasheet
568Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
More results


Similar Description - TPIC6A595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
Power logic 8-bit shift register
06-Sep-2007
logo
Texas Instruments
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6596 TI1-TPIC6596_16 Datasheet
595Kb / 16P
POWER LOGIC 8-BIT SHIFT REGISTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com