Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2045ADRG4 Datasheet (PDF) - Texas Instruments

TPS2045ADRG4 Datasheet PDF - Texas Instruments
Part # TPS2045ADRG4
Download  TPS2045ADRG4 Download
File Size   945.5 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES

TPS2045ADRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2045ADRG4 Datasheet PDF - Texas Instruments

Part # TPS2045ADRG4
Download  TPS2045ADRG4 Click to download

File Size   945.5 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES

TPS2045ADRG4 Datasheet (HTML) - Texas Instruments


TPS2045ADRG4 Product details

1FEATURES
· 80-mΩ High-Side MOSFET Switch
· 250 mA Continuous Current Per Channel
· Independent Thermal and Short-Circuit
Protection With Overcurrent Logic Output
· Operating Range: 2.7-V to 5.5-V
· CMOS- and TTL-Compatible Enable Inputs
· 2.5-ms Typical Rise Time
· Undervoltage Lockout
· 10 mA Maximum Standby Supply Current
for Single and Dual
(20 mA for Triple and Quad)
· Bidirectional Switch
· Ambient Temperature Range, 0°C to 85°C
· ESD Protection

DESCRIPTION
The TPS2045A through TPS2048A and TPS2055A
through TPS2058A power-distribution switches are
intended for applications where heavy capacitive
loads and short circuits are likely to be encountered.
These devices incorporate 80-mΩ N-channel MOSFET high-side power switches for power-distribution systems
that require multiple power switches in a single package. Each switch is controlled by an independent logic
enable input. Gate drive is provided by an internal charge pump designed to control the power-switch rise times
and fall times to minimize current surges during switching. The charge pump requires no external components
and allows operation from supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, these devices limit the output
current to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic output low.
When continuous heavy overloads and short circuits increase the power dissipation in the switch, causing the
junction temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from a
thermal shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures the switch
remains off until valid input voltage is present. These power-distribution switches are designed to current limit at
0.5 A.




Similar Part No. - TPS2045ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2045ADRG4 TI-TPS2045ADRG4 Datasheet
478Kb / 31P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045ADRG4 TI1-TPS2045ADRG4 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Similar Description - TPS2045ADRG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
Current limited Power distribution switches
29-May-2007
logo
Texas Instruments
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com