Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2115A Datasheet (PDF) - Texas Instruments

TPS2115A Datasheet PDF - Texas Instruments
Part # TPS2115A
Download  TPS2115A Download
File Size   830.46 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2115A-Q1 Auto-Switching Power Multiplexer

TPS2115A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2115A Datasheet PDF - Texas Instruments

Part # TPS2115A
Download  TPS2115A Click to download

File Size   830.46 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2115A-Q1 Auto-Switching Power Multiplexer

TPS2115A Datasheet (HTML) - Texas Instruments


TPS2115A Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 3: –40°C to 85°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C4A
• Two-Input One-Output Power Multiplexer With
Low rDS(on) Switch...84 mΩ (Typical)
• Reverse and Cross-Conduction Blocking
• Wide Operating Voltage Range...2.8 V to 5.5 V
• Low Standby Current...0.5 μA (Typical)
• Low Operating Current...55 μA (Typical)
• Adjustable Current Limit
• Controlled Output-Voltage Transition Times Limit
Inrush Current and Minimize Output Voltage Hold-
Up Capacitance
• CMOS- and TTL-Compatible Control Inputs
• Manual and Auto-Switching Operating Modes
• Thermal Shutdown
• Available in TSSOP-8 (PW) Package

2 Applications
• Automotive Power Multiplexing Applications
• Infotainment
• Navigation
• Multimedia Functions: Digital Radios, MP3
Players, Phone Chargers
• Camera Applications

3 Description
The TPS2115A-Q1 power multiplexer enables
seamless transition between two power supplies,
such as a two supply rails or a battery and AC to DC
wall adapter. Each supply operates at 2.8 V to 5.5 V
and the output can deliver up to 1 A. The TPS2115AQ1
device includes extensive protection circuitry
including user-programmable current limiting, thermal
protection, inrush current control, seamless supply
transition, cross-conduction blocking, and reverseconduction
blocking. These features greatly simplify
designing power multiplexer applications.




Similar Part No. - TPS2115A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2115A TI-TPS2115A Datasheet
211Kb / 20P
AUTOSWITCHING POWER MUX
TPS2115A TI2-TPS2115A Datasheet
717Kb / 27P
AUTOSWITCHING POWER MUX
REVISED MARCH 2010
TPS2115A TI2-TPS2115A Datasheet
1Mb / 31P
AUTOSWITCHING POWER MUX
REVISED MAY 2012
TPS2115A-Q1 TI1-TPS2115A-Q1 Datasheet
402Kb / 20P
AUTO-SWITCHING POWER MULTIPLEXER
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
AUTOSWITCHING POWER MULTIPLEXER
More results


Similar Description - TPS2115A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
AUTOSWITCHING POWER MULTIPLEXER
logo
List of Unclassifed Man...
AX5214 ETC-AX5214 Datasheet
212Kb / 10P
AUTO SWITCHING MODE
logo
Texas Instruments
TPS22933A TI1-TPS22933A Datasheet
572Kb / 17P
Small, Triple-Input Power Multiplexer with Auto-Select and Low Drop-out Voltage Regulator
TPS2115A-Q1 TI1-TPS2115A-Q1 Datasheet
402Kb / 20P
AUTO-SWITCHING POWER MULTIPLEXER
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
AUTOSWITCHING POWER MULTIPLEXER
SN74LV4051A-Q1 TI-SN74LV4051A-Q1_15 Datasheet
1Mb / 25P
SN74LV4051A-Q1 8-Channel Analog Multiplexer/Demultiplexer
TPS22933 TI1-TPS22933 Datasheet
1Mb / 25P
Triple-Input Power Multiplexer With Auto-Select and Low Drop-Out Voltage Regulator
logo
uPI Group Inc.
UP7536 UPI-UP7536 Datasheet
741Kb / 17P
Power Multiplexer
logo
Texas Instruments
SN74HCS151-Q1 TI-SN74HCS151-Q1 Datasheet
679Kb / 19P
SN74HCS151-Q1 Automotive 8-to-1 Multiplexer with Schmitt-Trigger Inputs
SN74HCS151-Q1 TI-SN74HCS151-Q1_V01 Datasheet
2Mb / 39P
SN74HCS151-Q1 Automotive 8-to-1 Multiplexer with Schmitt-Trigger Inputs
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com