Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2149 Datasheet (PDF) - Texas Instruments

TPS2149 Datasheet PDF - Texas Instruments
Part # TPS2149
Download  TPS2149 Download
File Size   972.38 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT

TPS2149 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2149 Datasheet PDF - Texas Instruments

Part # TPS2149
Download  TPS2149 Click to download

File Size   972.38 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT

TPS2149 Datasheet (HTML) - Texas Instruments


TPS2149 Product details

FEATURES
Complete Power Management Solution for
USB Bus-Powered Hubs
3.3-V 200 mA Low-Dropout Voltage Regulator
Two 5-V 340-mΩ (Typ) High-Side MOSFETs
Independent Thermal- and Short-Circuit
Protection for LDO and Each Switch
Overcurrent Indicator With Transient Filter
2.9-V to 5.5-V Operating Range
CMOS- and TTL-Compatible Enable Inputs
75-μA (Typ) Supply Current
Available in 8-Pin MSOP (PowerPAD)
−40°C to 85°C Ambient Temperature Range

APPLICATIONS
USB Bus-Powered Hubs
− Keyboards
− Monitors
− Hub Boxes

DESCRIPTION
The TPS2149 incorporates two power distribution
switches and an LDO in one small package, providing
a USB bus-powered hub power management solution
that saves up to 60% in board space over typical
implementations.
The TPS2149 meets USB 2.0 bus-powered hub
requirements. An integrated LDO regulates the 5-V bus
power down to 3.3 V for the USB controller. The two
MOSFET switches provide power to the downstream
ports. With independent enables, the downstream ports
remain unpowered until the hub completes
enumeration.
Each power-distribution switch is capable of supplying
200 mA of continuous current, and the independent
logic enables are compatible with 5-V logic and 3-V
logic. The switches and the LDO are designed with
controlled rise times and fall times to minimize current
surges.
The TPS2149 has active-low enables while the
TPS2159 has active-high enables.




Similar Part No. - TPS2149

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2149 TI-TPS2149 Datasheet
268Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2149IDGN TI-TPS2149IDGN Datasheet
268Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2149IDGN TI-TPS2149IDGN Datasheet
274Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2149IDGN TI-TPS2149IDGN Datasheet
570Kb / 29P
LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2149IDGN TI-TPS2149IDGN Datasheet
1Mb / 34P
LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
More results


Similar Description - TPS2149

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43312 ATMEL-AT43312 Datasheet
157Kb / 21P
Self- and Bus- Powered USB Hub Controller
logo
Texas Instruments
TPS2149 TI-TPS2149 Datasheet
268Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2148 TI-TPS2148 Datasheet
251Kb / 18P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
TPS2158 TI-TPS2158 Datasheet
274Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
logo
ATMEL Corporation
AT43312A ATMEL-AT43312A_06 Datasheet
325Kb / 28P
Self- and Bus-Bus-powered USB Hub Controller
logo
Texas Instruments
TPS2149IDGNG4 TI1-TPS2149IDGNG4 Datasheet
457Kb / 23P
3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
logo
National Instruments Co...
NIUSB-5132 NI-NIUSB-5132 Datasheet
188Kb / 8P
Bus-Powered USB Digitizers
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
TPS2148 TI1-TPS2148_14 Datasheet
444Kb / 22P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com