Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2104 Datasheet (PDF) - Texas Instruments

TPS2104 Datasheet PDF - Texas Instruments
Part # TPS2104
Download  TPS2104 Download
File Size   890.0 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description VAUX POWER-DISTRIBUTION SWITCHES

TPS2104 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2104 Datasheet PDF - Texas Instruments

Part # TPS2104
Download  TPS2104 Click to download

File Size   890.0 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description VAUX POWER-DISTRIBUTION SWITCHES

TPS2104 Datasheet (HTML) - Texas Instruments


TPS2104 Product details

features
Dual-Input, Single-Output MOSFET Switch
With No Reverse Current Flow (No Parasitic
Diodes)
IN1 . . . 250-mW, 500-mA N-Channel;
14-mA Supply Current
IN2 . . . 1.3-W, 100-mA P-Channel;
0.75-mA Supply Current (VAUX Mode)
Advanced Switch Control Logic
CMOS and TTL Compatible Enable Input
Controlled Rise, Fall, and Transition Times
2.7 V to 4 V Operating Range
SOT-23-5 and SOIC-8 Package
–40°C to 70°C Ambient Temperature Range
2-kV Human Body Model, 750-V Charged
Device Model, 200-V Machine-Model
ESD Protection

typical applications
Notebook and Desktop PCs
Cell phone, Palmtops, and PDAs
Battery Management

description
The TPS2102 and TPS2103 are dual-input, single-output power switches designed to provide uninterrupted
output voltage when transitioning between two independent power supplies. Both devices combine one
n-channel (250 mW) and one p-channel (1.3 W) MOSFET with a single output. The p-channel MOSFET (IN2)
is used with auxiliary power supplies that deliver lower current for standby modes. The n-channel MOSFET
(IN1) is used with a main power supply that delivers higher current required for normal operation. Low
on-resistance makes the n-channel the ideal path for higher main supply current when power-supply regulation
and system voltage drops are critical. When using the p-channel MOSFET, quiescent current is reduced to
0.75 mA to decrease the demand on the standby power supply. The MOSFETs in the TPS2102 and TPS2103
do not have the parasitic diodes, typically found in discrete MOSFETs, thereby preventing back-flow current
when the switch is off.




Similar Part No. - TPS2104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2104 TI-TPS2104 Datasheet
240Kb / 16P
VAUX POWER-DISTRIBUTION SWITCHES
TPS2104 TI1-TPS2104 Datasheet
462Kb / 20P
POWER-DISTRIBUTION SWITCHES
TPS2104 TI2-TPS2104 Datasheet
369Kb / 21P
VAUX POWER-DISTRIBUTION SWITCHES
REVISED APRIL 2000
TPS2104D TI-TPS2104D Datasheet
240Kb / 16P
VAUX POWER-DISTRIBUTION SWITCHES
TPS2104D TI2-TPS2104D Datasheet
369Kb / 21P
VAUX POWER-DISTRIBUTION SWITCHES
REVISED APRIL 2000
More results


Similar Description - TPS2104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2100 TI-TPS2100 Datasheet
299Kb / 17P
VAUX POWER-DISTRIBUTION SWITCHES
TPS2102 TI-TPS2102 Datasheet
265Kb / 17P
VAUX POWER-DISTRIBUTION SWITCHES
TPS2104 TI-TPS2104 Datasheet
240Kb / 16P
VAUX POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2104DBVR TI-TPS2104DBVR Datasheet
437Kb / 19P
VAUX POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2105-EP TI1-TPS2105-EP Datasheet
1Mb / 24P
TPS2105-EP VAUX Power-Distribution Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com