Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2372 Datasheet (PDF) - Texas Instruments

TPS2372 Datasheet PDF - Texas Instruments
Part # TPS2372
Download  TPS2372 Download
File Size   977.79 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2372 High-Power PoE PD Interface with Automatic MPS and Autoclass

TPS2372 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2372 Datasheet PDF - Texas Instruments

Part # TPS2372
Download  TPS2372 Click to download

File Size   977.79 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2372 High-Power PoE PD Interface with Automatic MPS and Autoclass

TPS2372 Datasheet (HTML) - Texas Instruments


TPS2372 Product details

1 Features
1• IEEE 802.3bt (Draft) PD Solution for Type 3 or
Type 4 PoE
• Supports Power Levels for Type-4 ( TPS2372-4)
90-W and Type-3 ( TPS2372-3) 60-W Operation
• Robust 100 V Hotswap MOSFET
– TPS2372-4 (typ.): 0.1-Ω, 2.2-A Current Limit
– TPS2372-3 (typ.): 0.3-Ω, 1.85-A Current Limit
• Allocated Power Indicator Outputs
• PG Output with Inrush Completion Delay
– Compliant to PSE Inrush
• Automatic Maintain Power Signature (MPS)
– Auto-adjust MPS for Type 1-2 or 3-4 PSE
– Supports Ultra-Low Power Standby Modes
• Supports Autoclass Operation
• Supports PoE++ PSE
• -40°C to 125°C Junction Temperature Range
• 20-lead VQFN Package

2 Applications
• IEEE 802.3bt (Draft) Compliant Devices
• Lighting
• Power Modules
• Dual Signature PD/Forced UPOE
• 4PPOE
• Pass-through System
• Security Cameras
• Multiband access points
• Pico-base Stations

3 Description
The TPS2372 contains all of the features needed to
implement an IEEE802.3at or IEEE802.3bt (draft)
(Type 1-4) powered device (PD). The low internal
switch resistance allows the TPS2372-4 and
TPS2372-3 to support high power applications up to
90 W and 60 W respectively. Assuming 100-meter
CAT5 cable, this translates into 71.3 W and 51 W at
PD input.
The TPS2372 operates with enhanced features.
The Automatic MPS function enables applications
requiring very low power standby modes. The
TPS2372 automatically generates the necessary
pulsed current to maintain the PSE power. An
external resistor is used to enable this functionality
and to program the MPS pulsed current amplitude.
The TPS2372 also implements a delay function to
allow the remote PSE to complete its inrush phase
before releasing the Power Good (PG) output. This
ensures that the IEEE802.3bt (draft) startup
requirements are met.
The Autoclass enable input also allows advanced
system power optimization modes compliant with
IEEE802.3bt (draft) standard.




Similar Part No. - TPS2372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2372 TI1-TPS2372 Datasheet
923Kb / 43P
High-Power PoE PD Interface with Automatic MPS and Autoclass
TPS2372 TI1-TPS2372 Datasheet
1Mb / 49P
High-Power PoE PD Interface with Automatic MPS and Autoclass
TPS2372 TI1-TPS2372 Datasheet
947Kb / 45P
High-Power PoE PD Interface with Automatic MPS and Autoclass
TPS2372-3RGWR TI1-TPS2372-3RGWR Datasheet
1Mb / 49P
High-Power PoE PD Interface with Automatic MPS and Autoclass
TPS2372-3RGWR TI1-TPS2372-3RGWR Datasheet
947Kb / 45P
High-Power PoE PD Interface with Automatic MPS and Autoclass
More results


Similar Description - TPS2372

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
IEEE 802.3at PoE High-Power PD Interface
TPS2379 TI1-TPS2379 Datasheet
648Kb / 30P
IEEE 802.3at PoE High-Power PD Interface with External Gate Driver
logo
List of Unclassifed Man...
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Texas Instruments
TPS2373 TI1-TPS2373 Datasheet
834Kb / 42P
High-Power PoE PD Interface with Advanced Startup
TPS2372 TI1-TPS2372 Datasheet
923Kb / 43P
High-Power PoE PD Interface with Automatic MPS and Autoclass
TPS2372 TI1-TPS2372_18 Datasheet
1Mb / 49P
High-Power PoE PD Interface with Automatic MPS and Autoclass
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Texas Instruments
TPS2372_018 TI1-TPS2372_018 Datasheet
947Kb / 45P
High-Power PoE PD Interface with Automatic MPS and Autoclass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com