Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2419DR Datasheet (PDF) - Texas Instruments

TPS2419DR Datasheet PDF - Texas Instruments
Part # TPS2419DR
Download  TPS2419DR Download
File Size   947.4 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description N1 and ORing Power Rail Controller with Enable

TPS2419DR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2419DR Datasheet PDF - Texas Instruments

Part # TPS2419DR
Download  TPS2419DR Click to download

File Size   947.4 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description N1 and ORing Power Rail Controller with Enable

TPS2419DR Datasheet (HTML) - Texas Instruments


TPS2419DR Product details

1FEATURES
• Control External FET for N+1 and ORing
• Controls Buses From 3 V to 16.5 V
• External Enable
• N-Channel MOSFETControl
• Rapid Device Turnoff Protects Bus Integrity
• Programmable Turn-Off Threshold
• Soft Turn on Reduces Bus Transients
• Industrial Temperature Range: –40°C to 85°C
• 8-Pin TSSOP and SOIC Packages

APPLICATIONS
• N+1 Power Supplies
• Server Blades
• Telecom Systems
• High Availability Power Modules

DESCRIPTION
The TPS2419 controller, in conjunction with an
external N-channel MOSFET, provides the reverse
current protection of an ORing diode with the
efficiency of a MOSFET. The TPS2419 can be used
to combine multiple power supplies to a common bus
in an N+1 configuration, or to combine redundant
input power buses.
Applications for the TPS2419 include a wide range of
systems including servers and telecom. These
applications often have either N+1 redundant power
supplies, redundant power buses, or both. Redundant power sources must have the equivalent of a diode
OR to prevent reverse current during faults and
hotplug.
Accurate voltage sensing and a programmable
turn-off threshold allows operation to be tailored for a
wide range of implementations and bus
characteristics. The TPS2419 brings out an enable
pin which allows the system to force the MOSFET off
under light-load, high noise conditions.




Similar Part No. - TPS2419DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2419DR TI-TPS2419DR Datasheet
493Kb / 21P
N1 and ORing Power Rail Controller with Enable
More results


Similar Description - TPS2419DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
Full Featured N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
N1 and ORing Power Rail Controller with Enable
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
N1 and ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Texas Instruments
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
TPS241x Full Featured N1 and ORing Power Rail Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com