Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2398 Datasheet (PDF) - Texas Instruments

TPS2398 Datasheet PDF - Texas Instruments
Part # TPS2398
Download  TPS2398 Download
File Size   808.72 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS

TPS2398 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2398 Datasheet PDF - Texas Instruments

Part # TPS2398
Download  TPS2398 Click to download

File Size   808.72 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS

TPS2398 Datasheet (HTML) - Texas Instruments


TPS2398 Product details

FEATURES
Wide Input Supply Range: −36 V to −80 V
Transient Rating to −100 V
Improved Transient Response
Enable Input (EN)
Programmable Current Limit
Programmable Current Slew Rate
Fault Timer to Eliminate Nuisance Trips
Open-Drain Power Good Output (PG)
8-Pin MSOP Package

APPLICATIONS
−48-V Distributed Power Systems
Redundant Negative Voltage Supplies
Central Office Switching

DESCRIPTION
The TPS2398 and TPS2399 integrated circuits
are hot swap power managers optimized for use
in nominal −48-V systems. For redundant-supply
systems, they incorporate an improved circuit
breaker response that provides rapid protection
from short circuits, while still enabling plug-ins to
tolerate large transients that can be generated by
the sudden switchover to a higher voltage supply.
They are designed for supply voltage ranges up to
−80 V, and are rated to withstand spikes to −100 V.
In conjunction with an external N-channel FET
and sense resistor, they can be used to enable live
insertion of plug-in cards and modules in powered
systems. Both devices provide load current slew
rate and peak magnitude limiting, easily
programmed by sense resistor value and a singleexternal
capacitor.




Similar Part No. - TPS2398

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
-48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
TPS2398 TI1-TPS2398 Datasheet
993Kb / 28P
-48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
-48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Texas Instruments
TPS2398DGK TI-TPS2398DGK Datasheet
388Kb / 20P
-48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
TPS2398DGK TI1-TPS2398DGK Datasheet
993Kb / 28P
-48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
More results


Similar Description - TPS2398

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
SIMPLE-48-V HOT SWAP CONTROLLER
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
-48 V Hot Swap Controller
REV.0
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
-48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE Datasheet
704Kb / 2P
Hot-swap redundant power supply supported
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
SIMPLE -48-V HOT SWAP CONTROLLER
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
-48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
Analog Devices
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
48 V Hot Swap Controller
REV. 0
logo
Technology Dynamics Inc...
NTDM-HS-12-250 TECHNOLOGY-NTDM-HS-12-250 Datasheet
185Kb / 2P
N1 REDUNDANT HOT SWAP POWER SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
-48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com