Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2552D Datasheet (PDF) - Texas Instruments

TPS2552D Datasheet PDF - Texas Instruments
Part # TPS2552D
Download  TPS2552D Download
File Size   990.88 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS255xD Precision Adjustable Current-Limited Power-Distribution Switches

TPS2552D Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2552D Datasheet PDF - Texas Instruments

Part # TPS2552D
Download  TPS2552D Click to download

File Size   990.88 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS255xD Precision Adjustable Current-Limited Power-Distribution Switches

TPS2552D Datasheet (HTML) - Texas Instruments


TPS2552D Product details

1 Features
1• Up to 1.5 A Maximum Load Current
• ±6% Current-Limit Accuracy at 1.7 A (Typ)
• Meets USB Current-Limiting Requirements
• Backwards Compatible with TPS2550/51
• Adjustable Current Limit, 75 mA–1700 mA (Typ)
• Constant-Current (TPS2552D and TPS2553D)
• TPS2552D (Enable Low) and TPS2553D (Enable
High)
• Fast Overcurrent Response - 2 μs (Typ)
• 85-mΩ High-Side MOSFET (DBV Package)
• Reverse Input-Output Voltage Protection
• Operating Range: 2.7 V to 6.5 V
• Built-in Soft-Start
• 15 kV ESD Protection per IEC 61000-4-2 (With
External Capacitance)
• UL Listed – File No. E169910 and NEMKO
IEC60950-1-am1 ed2.0
• See the TI Switch Portfolio

2 Applications
• USB Ports/Hubs
• Digital TV
• Set-Top Boxes
• VOIP Phones

3 Description
The TPS2552D and TPS2553D power-distribution
switches are intended for applications where
precision current limiting is required or heavy
capacitive loads and short circuits are encountered
and provide up to 1.5 A of continuous load current.
These devices offer a programmable current-limit
threshold between 75 mA and 1.7 A (typ) via an
external resistor. Current-limit accuracy as tight as
±6% can be achieved at the higher current-limit
settings. The power-switch rise and fall times are
controlled to minimize current surges during turn
on/off.
The TPS2552D/3D devices limit the output current to
a safe level by using a constant-current mode when
the output load exceeds the current-limit threshold.
An internal reverse-voltage comparator disables the
power-switch when the output voltage is driven higher
than the input to protect devices on the input side of
the switch. The FAULT output asserts low during
overcurrent and reverse-voltage conditions.




Similar Part No. - TPS2552D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
Precision Adjustable Current-Limited Power-Distribution Switches
TPS2552D TI2-TPS2552D Datasheet
996Kb / 35P
TPS255xD Precision Adjustable Current-Limited Power-Distribution Switches
SEPTEMBER 2016
TPS2552DBV TI-TPS2552DBV Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552DBV TI-TPS2552DBV Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552DBV TI-TPS2552DBV Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Similar Description - TPS2552D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
Precision Adjustable Current-Limited Power-Distribution Switches
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com