Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS767D301-EP Datasheet (PDF) - Texas Instruments

TPS767D301-EP Datasheet PDF - Texas Instruments
Part # TPS767D301-EP
Download  TPS767D301-EP Download
File Size   921.21 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR

TPS767D301-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS767D301-EP Datasheet PDF - Texas Instruments

Part # TPS767D301-EP
Download  TPS767D301-EP Click to download

File Size   921.21 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR

TPS767D301-EP Datasheet (HTML) - Texas Instruments


TPS767D301-EP Product details

1FEATURES
• Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
• Extended Temperature Performance of –55°C
to 125°C
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
• Enhanced Product-Change Notification
• Qualification Pedigree
Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification testing
should not be viewed as justifying use of this component beyond
specified
performance and environmental limits.
• Dual Output Voltages for Split-Supply
Applications
• Output Current Range of 0 mA to 1.0 A Per
Regulator
• 3.3-V/Adjustable Output
• Fast Transient Response
• 3% Tolerance Over Load and Temperature
• Dropout Voltage Typically 350 mV at 1 A
• Ultra-Low 85-mA Typical Quiescent Current
• 1-mA Quiescent Current During Shutdown
• Dual Open-Drain Power-On Reset With
200-ms Delay for Each Regulator
• 28-Pin PowerPAD™ TSSOP Package
• Thermal Shutdown Protection for Each
Regulator

DESCRIPTION/ORDERING INFORMATION
The TPS767D301-EP dual-voltage regulator offers fast transient response, low dropout (LDO) voltages, and dual
outputs in a compact package and incorporates stability with 10-mF low-ESR output capacitors.
The TPS767D301-EP dual-voltage regulator is designed primarily for DSP applications. This device can be used
in any mixed-output voltage application, with each regulator supporting up to 1 A. Dual active-low reset (RESET)
signals allow resetting of core logic and I/O separately.




Similar Part No. - TPS767D301-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS767D301-EP TI1-TPS767D301-EP Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-EP TI1-TPS767D301-EP Datasheet
950Kb / 26P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
More results


Similar Description - TPS767D301-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
DUAL LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
logo
Texas Instruments
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
DUAL LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
Dual, Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1952 AIC-AIC1952 Datasheet
314Kb / 13P
Dual Output Low ESR Cap. Low-Dropout 300mA Linear Regulator
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
DUAL LOW - DROPOUT LINEAR REGULATOR
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com