Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS799L Datasheet (PDF) - Texas Instruments

TPS799L Datasheet PDF - Texas Instruments
Part # TPS799L
Download  TPS799L Download
File Size   958.79 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS799Lxx 200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection

TPS799L Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS799L Datasheet PDF - Texas Instruments

Part # TPS799L
Download  TPS799L Click to download

File Size   958.79 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS799Lxx 200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection

TPS799L Datasheet (HTML) - Texas Instruments


TPS799L Product details

1 Features
1• 200-mA Low-Dropout Regulator with EN
• Multiple Output Voltage Versions Available:
– TPS799L: Fixed Outputs of 5.2 V to 6.2 V
Using Innovative Factory EEPROM
Programming
– TPS799L57: 5.7-V Output
– TPS799L54: 5.4-V Output
– TPS799: Output Options Less Than 5.2 V
• Inrush current Protection with EN Toggle
• Low IQ: 40 μA
• High PSRR: 66 dB at 1 kHz
• Stable with a Low-ESR, 2.0-μF Typical Output
Capacitance
• Excellent Load and Line Transient Response
• 2% Overall Accuracy (Load, Line, and
Temperature)
• Very Low Dropout: 100 mV
• Package: 5-Bump, Thin, 1-mm × 1.37-mm
DSBGA

2 Applications
• Cellular Phones
• Wireless LAN, Bluetooth®
• VCOs, RF
• Handheld Organizers, PDAs

3 Description
The TPS799L family of low-dropout (LDO), low-power
linear regulators offers excellent ac performance with very low ground current. High power-supply rejection
ratio (PSRR), low noise, fast start-up, and excellent
line and load transient response are provided while
consuming a very low 40-μA (typical) ground current.
The TPS799Lxx is stable with ceramic capacitors and
uses an advanced BiCMOS fabrication process to
yield a dropout voltage of typically 100 mV at a 200-mA output. The TPS799L uses a precision
voltage reference and feedback loop to achieve an
overall accuracy of 2% over all load, line, process,
and temperature variations. The TPS799L features
inrush current protection when the EN toggle is used
to start the device, immediately clamping the current.
All devices are fully specified over the temperature range of TJ = –40°C to 125°C, and offered in a low-
profile, die-sized ball grid array (DSBGA) package,
ideal for wireless handsets and WLAN cards.




Similar Part No. - TPS799L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
200-mA, Low-Dropout Linear Regulator
TPS799L54 TI1-TPS799L54 Datasheet
899Kb / 22P
200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
TPS799L54YZYR TI1-TPS799L54YZYR Datasheet
899Kb / 22P
200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
TPS799L54YZYT TI1-TPS799L54YZYT Datasheet
899Kb / 22P
200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
TPS799L57YZYR TI1-TPS799L57YZYR Datasheet
603Kb / 14P
200-mA, Low-Dropout Linear Regulator
More results


Similar Description - TPS799L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
LOW-DROPOUT 200-mA LINEAR REGULATOR
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
logo
List of Unclassifed Man...
R100U-5-N ETC2-R100U-5-N Datasheet
170Kb / 3P
Built-in Inrush Current Protection
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
200 mA Low Dropout Linear Regulator
REV. C
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TPS799L54 TI1-TPS799L54 Datasheet
899Kb / 22P
200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com