Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS77901 Datasheet (PDF) - Texas Instruments

TPS77901 Datasheet PDF - Texas Instruments
Part # TPS77901
Download  TPS77901 Download
File Size   914.96 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE

TPS77901 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS77901 Datasheet PDF - Texas Instruments

Part # TPS77901
Download  TPS77901 Click to download

File Size   914.96 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE

TPS77901 Datasheet (HTML) - Texas Instruments


TPS77901 Product details

Open Drain Power-On Reset With 220-ms
Delay
250-mA Low-Dropout Voltage Regulator
Available in 1.8-V, 2.5-V, 3-V, Fixed Output
and Adjustable Versions
Dropout Voltage Typically 200 mV
at 250 mA (TPS77930)
Ultralow 92-μA Quiescent Current (Typ)
8-Pin MSOP (DGK) Package
Low Noise (55 μVrms) With No Bypass
Capacitor (TPS77918)
2% Tolerance Over Specified Conditions
For Fixed-Output Versions
Fast Transient Response
Thermal Shutdown Protection
See the TPS773xx and TPS774xx Family of
Devices for Active Low Enable

description
The TPS779xx is a low-dropout regulator with
integrated power-on reset. The device is capable
of supplying 250 mA of output current with a
dropout of 200 mV (TPS77930). Quiescent
current is 92 μA at full load dropping down to 1 μA
when the device is disabled. The device is
optimized to be stable with a wide range of output
capacitors including low ESR ceramic (10 μF) or
low capacitance (1 μF) tantalum capacitors. The
device has extremely low noise output performance (55 μVrms) without using any added filter capacitors.
TPS779xx is designed to have a fast transient response for larger load current changes.
The TPS779xx is offered in 1.8-V, 2.5-V, and 3-V fixed-voltage versions and in an adjustable version
(programmable over the range of 1.5 V to 5.5 V). Output voltage tolerance is 2% over line, load, and temperature
ranges. The TPS779xx family is available in 8-pin MSOP (DGK) packages.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 200 mV
at an output current of 250 mA for 3.3 volt option) and is directly proportional to the output current. Additionally,
since the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent
of output loading (typically 92 μA over the full range of output current, 0 mA to 250 mA). These two key
specifications yield a significant improvement in operating life for battery-powered systems.
The device is enabled when the EN pin is connected to a high-level input voltage. This LDO family also features
a sleep mode; applying a TTL low signal to EN (enable) shuts down the regulator, reducing the quiescent current
to less than 1 μA at TJ = 25°C.




Similar Part No. - TPS77901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77901 TI-TPS77901 Datasheet
334Kb / 20P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901 Datasheet
619Kb / 22P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI1-TPS77901 Datasheet
856Kb / 22P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901DGK TI-TPS77901DGK Datasheet
334Kb / 20P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901DGK TI-TPS77901DGK Datasheet
619Kb / 22P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
More results


Similar Description - TPS77901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77901 TI-TPS77901 Datasheet
334Kb / 20P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
28-Jun-04
logo
ON Semiconductor
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
logo
Texas Instruments
TPS77918DGKR TI-TPS77918DGKR Datasheet
619Kb / 22P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
TPS77901 TI-TPS77901_15 Datasheet
622Kb / 22P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI1-TPS77901_16 Datasheet
856Kb / 22P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com