Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS73HD301 Datasheet (PDF) - Texas Instruments

TPS73HD301 Datasheet PDF - Texas Instruments
Part # TPS73HD301
Download  TPS73HD301 Download
File Size   993.84 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS

TPS73HD301 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS73HD301 Datasheet PDF - Texas Instruments

Part # TPS73HD301
Download  TPS73HD301 Click to download

File Size   993.84 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS

TPS73HD301 Datasheet (HTML) - Texas Instruments


TPS73HD301 Product details

Dual Output Voltages for Split-Supply
Applications
3.3-V/Adjustable Output, 3.3 V/1.8 V, and
3.3 V/2.5
Dropout Voltage < 80 mV Max at
IO = 100 mA (3.3-V option)
Low Quiescent Current, Independent of
Load . . . 340 μA Typ Per Regulator
Ultra-Low-Current Sleep State . . . 2 μA Max
Dual Active-Low Reset Signals with 200-ms
Pulse Width
Output Current Range of 0 mA to 750 mA
Per Regulator
28-Pin PowerPAD TSSOP Package

description
The TPS73HD3xx family of dual voltage regulators offers very low dropout voltages and dual outputs in a
compact package. Designed primarily for DSP applications, these devices can be used in any mixed-output
voltage application with each regulator supporting up to 750 mA. Output current can be allocated as desired
between the two regulators and used to power many of todays DSPs. Low quiescent current and very low
dropout voltage assure maximum power usage in battery-powered applications. Texas Instruments PowerPAD
TSSOP package allows use of these devices with any voltage/current combination within the range of the listed
specifications without thermal problems, provided proper device mounting procedures are followed. Separate
inputs allow the designer to configure the source power as desired. Dual active-low reset signals allow resetting
of core-logic and I/O separately. Remote sense/feedback terminals provide regulation at the load. The
TPS73HD3xx are available in 28-pin PowerPAD TSSOP. They operate over a free-air temperature range of
−40°C to 125°C.




Similar Part No. - TPS73HD301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301 Datasheet
990Kb / 36P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301PWP TI-TPS73HD301PWP Datasheet
406Kb / 28P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301PWP TI1-TPS73HD301PWP Datasheet
990Kb / 36P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301PWPG4 TI1-TPS73HD301PWPG4 Datasheet
990Kb / 36P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results


Similar Description - TPS73HD301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com