Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS767D301 Datasheet (PDF) - Texas Instruments

TPS767D301 Datasheet PDF - Texas Instruments
Part # TPS767D301
Download  TPS767D301 Download
File Size   993.71 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS

TPS767D301 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS767D301 Datasheet PDF - Texas Instruments

Part # TPS767D301
Download  TPS767D301 Click to download

File Size   993.71 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS

TPS767D301 Datasheet (HTML) - Texas Instruments


TPS767D301 Product details

FEATURES
23· Dual Output Voltages for Split-Supply
Applications
· Output Current Range of 0mA to 1.0A per
Regulator
· 3.3V/2.5V, 3.3V/1.8V, and 3.3V/Adjustable
Output
· Fast-Transient Response
· 2% Tolerance Over Load and Temperature
· Dropout Voltage Typically 350mV at 1A
· Ultra-low 85mA Typical Quiescent Current
· 1mA Quiescent Current During Shutdown
· Dual Open-Drain Power-On Reset with 200ms
Delay for Each Regulator
· 28-Pin PowerPAD™ TSSOP Package
· Thermal Shutdown Protection for Each
Regulator

DESCRIPTION
The TPS767D3xx family of dual voltage regulators
offers fast transient response, low dropout voltages
and dual outputs in a compact package and
incorporating stability with 10mF low ESR output
capacitors.
The TPS767D3xx family of dual voltage regulators is
designed primarily for DSP applications. These
devices can be used in any mixed-output voltage
application, with each regulator supporting up to 1A.
Dual active-low reset signals allow resetting of
core-logic and I/O separately.
Because the PMOS device behaves as a low-value
resistor, the dropout voltage is very low (350mV
typically at an output current of 1A for the
TPS767D325) and is directly proportional to the output current. Additionally, since the PMOS pass
element is a voltage-driven device, the quiescent
current is very low and independent of output loading
(typically 85mA over the full range of output current,
0mA to 1A). These two key specifications yield a significant improvement in operating life for
battery-powered systems. This LDO family also
features a sleep mode; applying a TTL high signal to
EN (enable) shuts down the regulator, reducing the quiescent current to 1mA at TJ = +25°C.
The RESET output of the TPS767D3xx initiates a reset in microcomputer and microprocessor systems
in the event of an undervoltage condition. An internal
comparator in the TPS767D3xx monitors the output
voltage of the regulator to detect an undervoltage
condition on the regulated output voltage.
The TPS767D3xx is offered in 1.8V, 2.5V, and 3.3V
fixed-voltage versions and in an adjustable version
(programmable over the range of 1.5V to 5.5V).
Output voltage tolerance is specified as a maximum
of 2% over line, load, and temperature ranges. The
TPS767D3xx family is available in a 28-pin PWP
TSSOP package. They operate over a junction
temperature range of –40°C to +125°C.




Similar Part No. - TPS767D301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
1Mb / 158P
Digital Signal Controller (DSC)
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
950Kb / 26P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
More results


Similar Description - TPS767D301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com