Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS793 Datasheet (PDF) - Texas Instruments

TPS793 Datasheet PDF - Texas Instruments
Part # TPS793
Download  TPS793 Download
File Size   905.42 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS793-Q1 Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators

TPS793 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS793 Datasheet PDF - Texas Instruments

Part # TPS793
Download  TPS793 Click to download

File Size   905.42 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS793-Q1 Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators

TPS793 Datasheet (HTML) - Texas Instruments


TPS793 Product details

1 Features
1• Qualified For Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to
+125°C
– Device HBM ESD Classification Level 1C
– Device CDM ESD Classification Level C2
• 200-mA Low-Dropout Regulator With EN
• Available in 1.8-V, 2.5-V, 2.8-V, 3-V, 3.3-V, 4.75-
V, and Adjustable Options
• High PSRR (70 dB at 10 kHz)
• Ultralow Noise (32 μV)
• Fast Start-Up Time (50 μs)
• Stable With a 2.2-μF Ceramic Capacitor
• Excellent Load and Line Transient
• Very Low Dropout Voltage
(112 mV at Full Load, TPS79330-Q1)
• 5-Pin SOT-23 (DBV) Package

2 Applications
• VCOs
• RF
• Bluetooth™

3 Description
The TPS793xx-Q1 family of low-dropout (LDO) lowpower
linear voltage regulators features high powersupply
rejection ratio (PSRR), ultralow noise, fast
start-up, and excellent line and load transient
responses in a small-outline SOT-23 package. Each
TPS793-Q1 device in the family is stable, with a small
2.2-μF ceramic capacitor on the output. The
TPS793xx-Q1 family uses an advanced, proprietary,
BiCMOS fabrication process to yield extremely low
dropout voltages (for example, 112 mV at 200 mA,
TPS79330-Q1). Each device achieves fast start-up
times (approximately 50 μs with a 0.001-μF bypass
capacitor), while consuming very low quiescent
current (170 μA typical). Moreover, when the device
is placed in standby mode, the supply current is
reduced to less than 1 μA. The TPS79328-Q1
exhibits approximately 32 μVRMS of output voltage
noise with a 0.1-μF bypass capacitor. Applications
with analog components that are noise sensitive,
such as portable RF electronics, benefit from the high
PSRR and low-noise features, as well as the fast
response time.




Similar Part No. - TPS793

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793 TI1-TPS793 Datasheet
1Mb / 34P
Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793 Datasheet
1Mb / 33P
Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793 Datasheet
1Mb / 34P
TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
logo
TECH PUBLIC Electronics...
TPS793 TECHPUBLIC-TPS793 Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
logo
Texas Instruments
TPS793 TI-TPS793 Datasheet
3Mb / 41P
TPS793 Low-Noise, High PSRR, RF, 200mA Low-Dropout Linear Regulators in NanoStar™ Wafer Chip Scale and SOT-23
DECEMBER 2024
More results


Similar Description - TPS793

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com