Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA36F-R1 Datasheet (PDF) - Comus International

AA36F-R1 Datasheet PDF - Comus International
Part # AA36F-R1
Download  AA36F-R1 Download
File Size   757.26 Kbytes
Page   3 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description High Current - 1 Form A - PhotoDMOS Relays

AA36F-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA36F-R1 Datasheet PDF - Comus International

Part # AA36F-R1
Download  AA36F-R1 Click to download

File Size   757.26 Kbytes
Page   3 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description High Current - 1 Form A - PhotoDMOS Relays

AA36F-R1 Datasheet (HTML) - Comus International


AA36F-R1 Product details

FEATURES
• PhotoDMOS Relays
• 60 Volt, 2.5 Amp Hi-Current design
• On-Resistance: 0.07 Ω (typical)
• I/O Breakdown Voltage 3750 Vrms Min.
• Optional High I/O BV 5000 Vrms Min.
• Max LED Current 3.0 mA
• Low Off-State Leakage Current 1.0 μ A Max




Similar Part No. - AA36F-R1

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
AA3-B0-10-450-1B1-C CARLINGTECH-AA3-B0-10-450-1B1-C Datasheet
6Mb / 24P
Circuit Breaker
logo
Vishay Barry
AA3000-100-13X BARRY-AA3000-100-13X Datasheet
83Kb / 1P
Aluminum Nitride 30 dB FLANGED ATTENUATOR
Revision Date 05/10/12
AA3000-100-3X BARRY-AA3000-100-3X Datasheet
137Kb / 1P
ALUMINUM NITRIDE 30 dB FLANGED ATTENUATOR
Rev. C
AA3000-150-5X BARRY-AA3000-150-5X Datasheet
184Kb / 1P
Aluminum Nitride 30dB FLANGED ATTENUATOR
Rev. C
AA3000-20-3X BARRY-AA3000-20-3X Datasheet
145Kb / 1P
Aluminum Nitride
Rev.D 01/29/09
More results


Similar Description - AA36F-R1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
Dual 1 Form A Solid-State Relays
26-Oct-04
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
16-Channel, 5 A SPST (Form A) Relays
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Coto Technology
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Standex Electronics, In...
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com