Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC26F-R1 Datasheet (PDF) - Comus International

AC26F-R1 Datasheet PDF - Comus International
Part # AC26F-R1
Download  AC26F-R1 Download
File Size   1024.17 Kbytes
Page   3 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description High Current - 1 Form A / 2 Form A - PhotoDMOS Relays

AC26F-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AC26F-R1 Datasheet PDF - Comus International

Part # AC26F-R1
Download  AC26F-R1 Click to download

File Size   1024.17 Kbytes
Page   3 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description High Current - 1 Form A / 2 Form A - PhotoDMOS Relays

AC26F-R1 Datasheet (HTML) - Comus International


AC26F-R1 Product details

FEATURES
• PhotoDMOS Relays
• 40 Volt, 2.0 A
• On-Resistance: 0.065 Ω (typical)
• I/O Breakdown Voltage: SOP 1500 Vrms Min.
DIP / SMD 3750 Vrms Min.
• Optional High I/O BV: SOP 3750 Vrms Min.
DIP / SMD 5000 Vrms Min.
• Max LED Current 3.0 mA
• Low Off-State Leakage Current 1.0 μ A Max
• UL File E344988
®




Similar Part No. - AC26F-R1

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AC2600 TP-LINK-AC2600 Datasheet
1Mb / 7P
MU-MIMO Wi-Fi Router
logo
Teledyne Technologies I...
AC262 TELEDYNE-AC262 Datasheet
176Kb / 2P
TO-8 CASCADABLE AMPLIFIER
logo
Analog Devices
AC2626 AD-AC2626 Datasheet
98Kb / 2P
General Purpose Temperature Probe
AC2626J AD-AC2626J Datasheet
98Kb / 2P
General Purpose Temperature Probe
AC2626K AD-AC2626K Datasheet
98Kb / 2P
General Purpose Temperature Probe
More results


Similar Description - AC26F-R1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
Dual 1 Form A Solid-State Relays
26-Oct-04
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
1 Form A/1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Coto Technology
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
List of Unclassifed Man...
HL3-1A-6SH ETC2-HL3-1A-6SH Datasheet
1Mb / 14P
1 Form A Configuration
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com