Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG2D Datasheet (PDF) - Multicomp Pro

UG2D Datasheet PDF - Multicomp Pro
Part # UG2D
Download  UG2D Download
File Size   715.56 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Ultra-Fast Diode

UG2D Datasheet (PDF)

Go To PDF Page Download Datasheet
UG2D Datasheet PDF - Multicomp Pro

Part # UG2D
Download  UG2D Click to download

File Size   715.56 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Ultra-Fast Diode

UG2D Datasheet (HTML) - Multicomp Pro


UG2D Product details

Features:
• Plastic package
• Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes
• Ultrafast recovery time for high efficiency
• Excellent high temperature switching
• Soft recovery characteristics
• Glass passivated junction
• High temperature soldering guaranteed: 250°C/10 seconds, 0.375ʺ (9.5mm) lead length, 5lbs. (2.3kg) tension

Description
Diode, Ultra-Fast, 2A, 200V




Similar Part No. - UG2D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG2D GE-UG2D Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG2D VISHAY-UG2D Datasheet
96Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
logo
SEMTECH ELECTRONICS LTD...
UG2D SEMTECH_ELEC-UG2D Datasheet
260Kb / 2P
SUPER FAST RECTIFIERS
logo
Gulf Semiconductor
UG2D GULFSEMI-UG2D Datasheet
86Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?2.0A
logo
Taiwan Semiconductor Co...
UG2D TSC-UG2D Datasheet
548Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Similar Description - UG2D

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DQ06 NIEC-31DQ06 Datasheet
24Kb / 2P
Ultra - Fast Recovery Diode
logo
Vishay Siliconix
FE5A VISHAY-FE5A Datasheet
166Kb / 6P
Ultra Fast Sinterglass Diode
11-Aug-04
logo
AUK corp
SF10A400H AUK-SF10A400H Datasheet
216Kb / 4P
Ultra Fast Recovery Diode
SF10A600H AUK-SF10A600H Datasheet
200Kb / 4P
Ultra Fast Recovery Diode
logo
New Jersey Semi-Conduct...
FE3A NJSEMI-FE3A Datasheet
112Kb / 3P
Ultra Fast Sinterglass Diode
logo
SemiHow Co.,Ltd.
HDA40U20GW SEMIHOW-HDA40U20GW Datasheet
365Kb / 3P
Ultra Fast Recovery Diode
logo
Renesas Technology Corp
RJU3051TDPP-EJ RENESAS-RJU3051TDPP-EJ Datasheet
102Kb / 4P
Ultra Fast Recovery Diode
RJU4352SDPD-E0 RENESAS-RJU4352SDPD-E0 Datasheet
61Kb / 4P
Ultra Fast Recovery Diode
logo
GOOD-ARK Electronics
MUR1060FCT GOOD-ARK-MUR1060FCT Datasheet
354Kb / 7P
Ultra Fast Recover diode
logo
Rohm
RFN2VWM2S ROHM-RFN2VWM2S Datasheet
1Mb / 8P
Ultra Fast Recovery Diode
2022/01/24_Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com