Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL05-2A22-22PC-F0-RK Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

JL05-2A22-22PC-F0-RK Datasheet PDF - Japan Aviation Electronics Industry, Ltd.
Part # JL05-2A22-22PC-F0-RK
Download  JL05-2A22-22PC-F0-RK Download
File Size   66.73 Kbytes
Page   3 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description Panel mount receptacle (Waterproof type (mated)), Shell size : 22, Pin Contact (Sold separately), 4 pos.

JL05-2A22-22PC-F0-RK Datasheet (PDF)

Go To PDF Page Download Datasheet
JL05-2A22-22PC-F0-RK Datasheet PDF - Japan Aviation Electronics Industry, Ltd.

Part # JL05-2A22-22PC-F0-RK
Download  JL05-2A22-22PC-F0-RK Click to download

File Size   66.73 Kbytes
Page   3 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description Panel mount receptacle (Waterproof type (mated)), Shell size : 22, Pin Contact (Sold separately), 4 pos.

JL05-2A22-22PC-F0-RK Datasheet (HTML) - Japan Aviation Electronics Industry, Ltd.




Similar Part No. - JL05-2A22-22PC-F0-RK

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JL05-2A22-22PCV-FO-R JAE-JL05-2A22-22PCV-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
JL05-2A22-22PCW-FO-R JAE-JL05-2A22-22PCW-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
JL05-2A22-22PCX-FO-R JAE-JL05-2A22-22PCX-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
JL05-2A22-22PCY-FO-R JAE-JL05-2A22-22PCY-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
JL05-2A22-22PCZ-FO-R JAE-JL05-2A22-22PCZ-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
More results


Similar Description - JL05-2A22-22PC-F0-RK

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-P04PFFS-SC-WP-R ASSMANN-A-P04PFFS-SC-WP-R Datasheet
274Kb / 1P
WATERPROOF POWER CONNECTOR 4 PIN(12A), FEMALE, PANEL MOUNT
A-P04PMMS-SC-WP-R ASSMANN-A-P04PMMS-SC-WP-R Datasheet
265Kb / 1P
WATERPROOF POWER CONNECTOR 4 PIN (12A), MALE, PANEL MOUNT
logo
Molex Electronics Ltd.
0563773000 MOLEX7-0563773000 Datasheet
106Kb / 2P
CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 30 CircuitsFront Mount Type
0563775000 MOLEX7-0563775000 Datasheet
117Kb / 2P
CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 50 CircuitsFront Mount Type
logo
Tyco Electronics
208268-3 MACOM-208268-3 Datasheet
83Kb / 1P
PIN CONTACT, SIZE 16 ARINC 600 TYPE
logo
Glenair, Inc.
850-019-22 GLENAIR-850-019-22 Datasheet
126Kb / 1P
Size 22 Pin Contact with Expanded Wire Accommodation
logo
Amphenol Corporation
RCP-5SPFFP-SCM7B10 AMPHENOL-RCP-5SPFFP-SCM7B10 Datasheet
103Kb / 1P
RJ45,C SIZE,MATED WATERPROOF
2019-09-16
logo
Japan Aviation Electron...
KN01P10KLH5 JAE-KN01P10KLH5 Datasheet
95Kb / 3P
CONN #22 SIZE PIN CONTACT FOR 24
logo
Global Connector Techno...
USB1046 GCT-USB1046 Datasheet
203Kb / 2P
USB Receptacle, Type A, 4 Pin, Surface Mount, Horizontal, Top Mount, with Shell Stakes
8th September 2014
logo
Japan Aviation Electron...
JL04V-6A22-22SE-EB-R JAE-JL04V-6A22-22SE-EB-R Datasheet
67Kb / 4P
Straight plug, TÜV, Waterproof (when mated) type, 4 pos., Socket, Contact arrangement code: 22-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com