Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12H-PBS-12 Datasheet (PDF) - SHORI

S12H-PBS-12 Datasheet PDF - SHORI
Part # S12H-PBS-12
Download  S12H-PBS-12 Download
File Size   123.2 Kbytes
Page   5 Pages
Manufacturer  SHORI [SHORI]
Direct Link  
Logo SHORI - SHORI
Description Heavy duty 40A general purpose power relays

S12H-PBS-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
S12H-PBS-12 Datasheet PDF - SHORI

Part # S12H-PBS-12
Download  S12H-PBS-12 Click to download

File Size   123.2 Kbytes
Page   5 Pages
Manufacturer  SHORI [SHORI]
Direct Link  
Logo SHORI - SHORI
Description Heavy duty 40A general purpose power relays

S12H-PBS-12 Datasheet (HTML) - SHORI


S12H-PBS-12 Product details

Features
Heavy duty 40A general purpose power relays.
Optional for open frame, dust cover, sealed type and
with and without quick terminal on top ,etc.
High insulation type Dielectric strength type available.
Ideal for HVAC, UPS & power supply, home appliances.




Similar Part No. - S12H-PBS-12

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
S12H-275VPA-RGCB2 STANDEX-S12H-275VPA-RGCB2 Datasheet
475Kb / 3P
Analog Ferrous Metal Position Sensor
Rev ABA
S12H-SSTDSO-R5CB2-001 STANDEX-S12H-SSTDSO-R5CB2-001 Datasheet
565Kb / 3P
Gear Tooth Speed Switch
Rev DBA
S12H-SSTDSO-R5CB2-500 STANDEX-S12H-SSTDSO-R5CB2-500 Datasheet
566Kb / 3P
Gear Tooth Speed Switch
Rev DBA
More results


Similar Description - S12H-PBS-12

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4505 DBLECTRO-HG4505 Datasheet
78Kb / 2P
Heavy Duty General Purpose Relay
logo
Schneider Electric
199X-18 SCHNEIDER-199X-18 Datasheet
249Kb / 4P
Power relay, SE Relays, DPDT, 40A, 24 VDC, open type, heavy duty
Aug 2, 2021
199X-14 SCHNEIDER-199X-14 Datasheet
216Kb / 4P
Power relay, SE Relays, DPDT, 40A, 120 VDC, open type, heavy duty
Aug 2, 2021
199X-12 SCHNEIDER-199X-12 Datasheet
214Kb / 4P
Power relay, SE Relays, DPDT, 40A, 12 VDC, open type, heavy duty
Aug 2, 2021
199X-8 SCHNEIDER-199X-8 Datasheet
187Kb / 4P
Power relay, SE Relays, DPST, 40A, 24 VDC, open type, heavy duty
Aug 2, 2021
199X-3 SCHNEIDER-199X-3 Datasheet
166Kb / 4P
Power relay, SE Relays, SPDT, 40A, 24 VDC, open type, heavy duty
Aug 2, 2021
199X-2 SCHNEIDER-199X-2 Datasheet
165Kb / 4P
Power relay, SE Relays, SPDT, 40A, 12 VDC, open type, heavy duty
Aug 2, 2021
199AX-15 SCHNEIDER-199AX-15 Datasheet
250Kb / 4P
Power relay, SE Relays, DPDT, 40A, 240 VAC, open type, heavy duty
Aug 2, 2021
199AX-3 SCHNEIDER-199AX-3 Datasheet
191Kb / 4P
Power relay, SE Relays, SPDT, 40A, 24 VAC, open type, heavy duty
Aug 2, 2021
logo
Song Chuan Precision Co...
832 SONGCHUAN-832 Datasheet
158Kb / 3P
Heavy duty 30A general purpose Power Relays.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com