Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R16DO0040EU0130 Datasheet (PDF) - Renesas Technology Corp

R16DO0040EU0130 Datasheet PDF - Renesas Technology Corp
Part # R16DO0040EU0130
Download  R16DO0040EU0130 Download
File Size   334.46 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Channel White LED Controller for LCD Backlight

R16DO0040EU0130 Datasheet (PDF)

Go To PDF Page Download Datasheet
R16DO0040EU0130 Datasheet PDF - Renesas Technology Corp

Part # R16DO0040EU0130
Download  R16DO0040EU0130 Click to download

File Size   334.46 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Channel White LED Controller for LCD Backlight

R16DO0040EU0130 Datasheet (HTML) - Renesas Technology Corp


R16DO0040EU0130 Product details

▪ Supports all LED backlight topologies
▪ No limit of VLED or ILED, device is not
exposed to high voltage/high current
▪ Optimum power savings through local dimming
▪ 16 fully flexible 12 bit PWM generators (period,
high time, delay, reverse)
▪ One global highly accurate 10 bit DAC which
sets the LED current (±0.5% accuracy)
▪ High dynamic range boost function
▪ 16 independent 8 bit DACs can be used to
boost/decrease LED current within certain
frames
▪ Global dimming mode option
▪ AS3824E/E1 are pre-programmed as external
PWM mode (DPWM mode), VSYNC pin is used as
PWM input. AS3824A/A1 are pre-programmed
as SPI mode
▪ VSYNC and HSYNC inputs, as well as
integrated digital PLL for synchronization with
TV frame
▪ Lowest BOM
▪ Due to 2 pin concept of the output channel: no
HV protection, no cascade FETs
▪ Feedback function is compatible to every DCDC architecture and configurable via SPI
▪ Short/OPEN LED detection, temperature
shutdown, register lock/unlock, SPI transfer
checksum




Similar Part No. - R16DO0040EU0130

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R16DO0041EU0130 RENESAS-R16DO0041EU0130 Datasheet
292Kb / 2P
16-Channel LED Driver for LCD Panel Backlighting
Jul 17, 2024
More results


Similar Description - R16DO0040EU0130

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3693A AMSCO-AS3693A Datasheet
71Kb / 3P
16 channel high precision LED driver for LCD backlight
logo
Analog Devices
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
ams AG
AS3693B AMSCO-AS3693B Datasheet
3Mb / 33P
16 Channel high precision LED driver for LCD Backlight
AS3693B1 AMSCO-AS3693B1 Datasheet
4Mb / 34P
16 Channel high precision LED driver for LCD Backlight
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
AS3695C AMSCO-AS3695C Datasheet
2Mb / 40P
16 channel white LED controller for LCD backlight
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Dialog Semiconductor
AS3820 DIALOG-AS3820 Datasheet
2Mb / 52P
16-Channel White LED Controller for LCD Backlight
logo
ams AG
AS3822 AMSCO-AS3822 Datasheet
125Kb / 2P
8 channel white LED controller for LCD backlight
6??2??7
AS3823 AMSCO-AS3823 Datasheet
123Kb / 2P
6-channel white LED controller for LCD backlight
6??2??7
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com