Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22924D Datasheet (PDF) - Texas Instruments

TPS22924D Datasheet PDF - Texas Instruments
Part # TPS22924D
Download  TPS22924D Download
File Size   992.11 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22924D 3.6-V, 2-A, 18.3-mΩ On-Resistance Load Switch

TPS22924D Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22924D Datasheet PDF - Texas Instruments

Part # TPS22924D
Download  TPS22924D Click to download

File Size   992.11 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22924D 3.6-V, 2-A, 18.3-mΩ On-Resistance Load Switch

TPS22924D Datasheet (HTML) - Texas Instruments


TPS22924D Product details

1 Features
1• Integrated Single-Channel Load Switch
• Input Voltage: 0.75 V to 3.6 V
• On-Resistance
– rON = 18.3 mΩ at VIN = 3.6 V
– rON = 18.5 mΩ at VIN = 2.5 V
– rON = 19.6 mΩ at VIN = 1.8 V
– rON = 19.4 mΩ at VIN = 1.2 V
– rON = 20.3 mΩ at VIN = 1.0 V
– rON = 22.7 mΩ at VIN = 0.75 V
• Small CSP-6 package 0.9 mm x 1.4 mm, 0.5-mm Pitch
• 2-A Maximum Continuous Switch Current
• Low Shutdown Current
• Low Threshold Control Input
• Controlled Slew Rate to Avoid Inrush Currents
• Quick Output Discharge Transistor
• ESD Performance Tested Per JESD 22
– 5000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)

2 Applications
• Battery Powered Equipment
• Portable Industrial Equipment
• Portable Medical Equipment
• Portable Media Players
• Point of Sales Terminal
• GPS Devices
• Digital Cameras
• Notebooks / Tablet PCs / eReaders
• Smartphones

3 Description
The TPS22924D is a small, low RON load switch with controlled turn on. The device contains a N-channel
MOSFET that can operate over an input voltage
range of 0.75 V to 3.6 V. An integrated charge pump
biases the NMOS switch to achieve a minimum
switch ON resistance. The switch is controlled by an on/off input (ON), which is capable of interfacing
directly with low-voltage control signals.
A 1250 Ω on-chip load resistor is added for output
quick discharge when the switch is turned off. The
rise time of the device is internally controlled to avoid
inrush current. The TPS22924D features a rise time
of 6200 μs at 3.6 V.
The TPS22924D is available in an ultra-small, spacesaving
6-pin CSP package and is characterized for
operation over the free-air temperature range of
–40ºC to 85ºC.




Similar Part No. - TPS22924D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924D TI-TPS22924D Datasheet
921Kb / 18P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
TPS22924DYZPR TI-TPS22924DYZPR Datasheet
921Kb / 18P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
TPS22924DYZPR TI1-TPS22924DYZPR Datasheet
1Mb / 24P
On-Resistance Load Switch
TPS22924DYZPT TI-TPS22924DYZPT Datasheet
921Kb / 18P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
TPS22924DYZPT TI1-TPS22924DYZPT Datasheet
1Mb / 24P
On-Resistance Load Switch
More results


Similar Description - TPS22924D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22925 TI1-TPS22925 Datasheet
629Kb / 25P
3.6-V, 3-A, 9Ohm On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com