Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22903 Datasheet (PDF) - Texas Instruments

TPS22903 Datasheet PDF - Texas Instruments
Part # TPS22903
Download  TPS22903 Download
File Size   978.7 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2290x Ultra-Small Low-Input-Voltage Low rON Load Switch

TPS22903 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22903 Datasheet PDF - Texas Instruments

Part # TPS22903
Download  TPS22903 Click to download

File Size   978.7 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2290x Ultra-Small Low-Input-Voltage Low rON Load Switch

TPS22903 Datasheet (HTML) - Texas Instruments


TPS22903 Product details

1 Features
1• Input Voltage: 1.1 V to 3.6 V
• Ultralow ON-State Resistance
– rON = 66 mΩ at VIN = 3.6 V
– rON = 75 mΩ at VIN = 2.5 V
– rON = 90 mΩ at VIN = 1.8 V
– rON = 135 mΩ at VIN = 1.2 V
• 500-mA Maximum Continuous Switch Current
• Quiescent Current < 1 μA
• Shutdown Current < 1 μA
• Low Control Input Threshold Enables Use of 1.2-
V, 1.8-V, 2.5-V, and 3.3-V Logic
• Controlled Slew Rate (5 μs Maximum at 3.6 V)
• Quick Output Discharge (TPS22904 Only)
• ESD Performance Tested Per JESD 22
– 2000-V Human Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
• 4-Terminal Wafer Chip-Scale Package (WCSP)
– 0.8 mm × 0.8 mm, free0.4-
mm Pitch, 0.5-mm Height

2 Applications
• PDAs
• Cell Phones
• GPS Devices
• MP3 Players
• Digital Cameras
• Peripheral Ports
• Portable Instrumentation

3 Description
The TPS22903 and TPS22904 are ultra-small, low rON single channel load switches with controlled
turnon. The device contains a P-channel MOSFET
that can operate over an input voltage range of 1.1 V
to 3.6 V. The switch is controlled by an on and off
input (ON), which is capable of interfacing directly with low-voltage control signals. In TPS22904, a 85-Ω
on-chip load resistor is added for output quick
discharge when switch is turned off.
TPS22903 and TPS22904 are available in a space-
saving 4-terminal WCSP 0.4-mm pitch (YFP). The
devices are characterized for operation over the free0.4-
air temperature range of –40°C to 85°C.




Similar Part No. - TPS22903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
727Kb / 16P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903YFPR TI-TPS22903YFPR Datasheet
494Kb / 14P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903YFPR TI-TPS22903YFPR Datasheet
727Kb / 16P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
More results


Similar Description - TPS22903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com