Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22969 Datasheet (PDF) - Texas Instruments

TPS22969 Datasheet PDF - Texas Instruments
Part # TPS22969
Download  TPS22969 Download
File Size   988.24 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22969 5.5-V, 6-A, 4.4-mΩ On-Resistance Load Switch

TPS22969 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22969 Datasheet PDF - Texas Instruments

Part # TPS22969
Download  TPS22969 Click to download

File Size   988.24 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22969 5.5-V, 6-A, 4.4-mΩ On-Resistance Load Switch

TPS22969 Datasheet (HTML) - Texas Instruments


TPS22969 Product details

1 Features
1• Integrated Single Channel Load Switch
• VBIAS Voltage Range: 2.5 V to 5.5 V
• VIN Voltage Range: 0.8 V to 5.5 V
• Ultra Low RON Resistance
– R ON = 4.4 mΩ at VIN = 1.05 V (VBIAS = 5 V)
• 6 A Maximum Continuous Switch Current
• Low Quiescent Current
– (20 μA (Typ) for VBIAS = 5 V)
• Low Shutdown Current
– (1 μA (Typ) for V BIAS = 5 V)
• Low Control Input Threshold Enables Use of 1.2 V
or Higher GPIO
• Controlled and Fixed Slew Rate Across VBIAS and
VIN
– t R = 599 μs at VIN = 1.05 V (VBIAS = 5 V)
• Quick Output Discharge (QOD)
• SON 8-Pin Package with Thermal Pad
• ESD Performance Tested per JESD 22
– 2-kV Human-Body Model (HBM)
– 1-kV Charged-Device Model (CDM)

2 Applications
• Ultrabook™/Notebooks
• Desktop PC
• Industrial PC
• Chromebook
• Servers
• Set-top Boxes
• Telecom Systems
• Tablet PC

3 Description
The TPS22969 is a small, ultra-low RON, single
channel load switch with controlled turn on. The device contains an N-channel MOSFET that can
operate over an input voltage range of 0.8 V to 5.5 V
and can support a maximum continuous
current of 6 A.
The combination of ultra-low RON and high current
capability of the device makes it ideal for driving processor rails with very tight voltage dropout
tolerances. The controlled rise time of the device
greatly reduces inrush current caused by large bulk
load capacitances, thereby reducing or eliminating
voltage droop on the power supply. The switch can
be independently controlled via the ON pin, which is
capable of interfacing directly with low-voltage control
signals originating from microcontrollers or low
voltage discrete logic. The device further reduces the
total solution size by integrating a 224-Ω pull-down
resistor for quick output discharge (QOD) when the
switch is turned off.
The TPS22969 is available in a small 3.00 mm x 3.00
mm SON-8 package (DNY). The DNY package
integrates a thermal pad which allows for high power
dissipation in high current and high temperature applications. The device is characterized for
operation over the free-air temperature range of –40°C to 105°C.




Similar Part No. - TPS22969

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22969 TI2-TPS22969 Datasheet
1Mb / 29P
TPS22969 5.5-V, 6-A, 4.4-mΩ On-Resistance Load Switch
REVISED JULY 2015
TPS22969DNYR TI1-TPS22969DNYR Datasheet
1Mb / 29P
5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22969DNYR TI2-TPS22969DNYR Datasheet
1Mb / 29P
TPS22969 5.5-V, 6-A, 4.4-mΩ On-Resistance Load Switch
REVISED JULY 2015
TPS22969DNYR.B TI2-TPS22969DNYR.B Datasheet
1Mb / 29P
TPS22969 5.5-V, 6-A, 4.4-mΩ On-Resistance Load Switch
REVISED JULY 2015
More results


Similar Description - TPS22969

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com