Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS40052 Datasheet (PDF) - Texas Instruments

TPS40052 Datasheet PDF - Texas Instruments
Part # TPS40052
Download  TPS40052 Download
File Size   798.63 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE-INPUT SYNCHRONOUS, BUCK CONTROLLER

TPS40052 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40052 Datasheet PDF - Texas Instruments

Part # TPS40052
Download  TPS40052 Click to download

File Size   798.63 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE-INPUT SYNCHRONOUS, BUCK CONTROLLER

TPS40052 Datasheet (HTML) - Texas Instruments


TPS40052 Product details

FEATURES
Operating Input Voltage 10 V to 40 V
Programmable Fixed-Frequency Up to
100 kHz to 1 MHz Voltage Mode Controller
Internal Gate Drive Outputs for High-Side
and Synchronous N-Channel MOSFETs
16-Pin PowerPAD Package (θJC = 2°C/W)
Thermal Shutdown
Externally Synchronizable
Programmable Short-Circuit Protection
Programmable Closed-Loop Soft-Start

APPLICATIONS
DDR Tracking Regulators
Power Modules
Networking Equipment
Industrial Servers

DESCRIPTION
The TPS40052 is part of a family of high-voltage,
wide input, synchronous, step-down converters.
The TPS40052 offers design flexibility with a
variety of user programmable functions, including
soft-start, operating frequency, high-side current
limit, and loop compensation.
The TPS40052 is also synchronizable to an
external supply. It incorporates MOSFET gate
drivers for external N-channel high-side and
synchronous rectifier (SR) MOSFETs. Gate drive
logic incorporates anti-cross conduction circuitry
to prevent simultaneous high-side and
synchronous rectifier conduction.
The externally programmable short circuit
protection provides pulse-by-pulse current limit, as
well as hiccup mode operation utilizing an internal
fault counter for longer duration overloads.




Similar Part No. - TPS40052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
851Kb / 33P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI1-TPS40052 Datasheet
916Kb / 30P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWP TI-TPS40052PWP Datasheet
452Kb / 30P
WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWP TI1-TPS40052PWP Datasheet
916Kb / 30P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Similar Description - TPS40052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_12 Datasheet
1Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com