Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS40050 Datasheet (PDF) - Texas Instruments

TPS40050 Datasheet PDF - Texas Instruments
Part # TPS40050
Download  TPS40050 Download
File Size   693.23 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER

TPS40050 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40050 Datasheet PDF - Texas Instruments

Part # TPS40050
Download  TPS40050 Click to download

File Size   693.23 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER

TPS40050 Datasheet (HTML) - Texas Instruments


TPS40050 Product details

FEATURES
Qualified for Automotive Applications
Operating Input Voltage 8 V to 40 V
Input Voltage Feed-Forward Compensation
< 1 % Internal 0.7-V Reference
Programmable Fixed-Frequency Up to 1 MHz
Voltage Mode Controller
Internal Gate Drive Outputs for High-Side and
Synchronous N-Channel MOSFETs
16-Pin PowerPAD Package (θJC = 2°C/W)
Thermal Shutdown
Externally Synchronizable
Programmable High-Side Current Limit
Programmable Closed-Loop Soft-Start
TPS40050 Source Only
TPS40051 Source/Sink
TPS40053 Source/Sink With VOUT Prebias

APPLICATIONS
Power Modules
Networking/Telecom
Industrial
Servers

DESCRIPTION
The TPS4005x is a family of high-voltage, wide input
(8 V to 40 V), synchronous, step-down converters.
The TPS4005x family offers design flexibility with a
variety of user programmable functions, including
soft-start, UVLO, operating frequency, voltage feedforward,
high-side current limit, and loop compensation.
The TPS4005x are also synchronizable to an external
supply. They incorporate MOSFET gate drivers for
external N-channel high-side and synchronous rectifier
(SR) MOSFETs. Gate drive logic incorporates
anti-cross conduction circuitry to prevent simultaneous
high-side and synchronous rectifier conduction.
The TPS4005x uses voltage feed-forward control
techniques to provide good line regulation over the wide
(4:1) input voltage range, and fast response to input line
transients with near constant gain with input variation
which eases loop compensation.
The externally programmable current limit provides
pulse-by-pulse current limit, as well as hiccup mode
operation utilizing an internal fault counter for longer
duration overloads.




Similar Part No. - TPS40050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050 TI1-TPS40050 Datasheet
426Kb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050 TI2-TPS40050 Datasheet
697Kb / 38P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
REVISED JUNE 2004
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI1-TPS40050-Q1 Datasheet
426Kb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Similar Description - TPS40050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_12 Datasheet
1Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com