Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS40074 Datasheet (PDF) - Texas Instruments

TPS40074 Datasheet PDF - Texas Instruments
Part # TPS40074
Download  TPS40074 Download
File Size   933.63 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD

TPS40074 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40074 Datasheet PDF - Texas Instruments

Part # TPS40074
Download  TPS40074 Click to download

File Size   933.63 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD

TPS40074 Datasheet (HTML) - Texas Instruments


TPS40074 Product details

FEATURES
· Operation Over 4.5-V to 28-V Input Range
· Fixed-Frequency Voltage-Mode Controller
· Integrated Unity Gain Amplifier for Remote
Output Sensing
· Predictive Gate Drive™ Generation II for
Improved Efficiency
· <1% Internal 700-mV Reference
· Input Voltage Feed Forward Control
· Prebiased Output Compatible
· Internal Gate Drive Outputs for High-Side and
Synchronous N-Channel MOSFETs
· Switching Frequency Programmable to 1 MHz
· 20-Pin QFN Package
· Thermal Shutdown Protection
· Software Design Tool and EVM Available

APPLICATIONS
· Power Modules
· Networking/Telecom
· Industrial
· Servers

DESCRIPTION
The TPS40074 is a mid voltage, wide input (4.5-V to
28-V), synchronous, step-down controller, offering
design flexibility for a variety of user programmable
functions, including; soft start, UVLO, operating
frequency, voltage feed-forward and high-side FET
sensed short circuit protection.
The TPS40074 incorporates MOSFET gate drivers
for external N-channel high side and synchronous
rectifier (SR) MOSFETs. The gate drive logic
incorporates second generation predictive anti-cross
conduction circuitry to prevent simultaneous high
side and synchronous rectifier conduction, while
minimizing to eliminating current flow in the body
diode of the SR FET. The TPS40074 allows for
starting into pre-biased outputs by not allowing the
synchronous rectifier FET to turn on until the
commanded voltage during soft start is greater than
the existing pre-bias voltage.
The TPS40074 uses voltage feed-forward control
techniques to provide good line regulation over a
wide input voltage range, and fast response to input
line transients. Voltage feed-forward also provides
nearly constant power stage gain with input variation
to ease loop compensation of wide input range
designs. The externally programmable short circuit
protection provides fault current limiting, as well as hiccup mode operation for low power dissipation in
the presence of a shorted output. The TPS40074 is
packaged in a 20-pin QFN package for better
thermal performance at higher voltages and
frequencies, as well as reduced footprint.




Similar Part No. - TPS40074

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074 Datasheet
454Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074RHLR TI-TPS40074RHLR Datasheet
529Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074RHLR TI1-TPS40074RHLR Datasheet
454Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074RHLRG4 TI1-TPS40074RHLRG4 Datasheet
454Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results


Similar Description - TPS40074

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com