Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS40190 Datasheet (PDF) - Texas Instruments

TPS40190 Datasheet PDF - Texas Instruments
Part # TPS40190
Download  TPS40190 Download
File Size   886.7 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE

TPS40190 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40190 Datasheet PDF - Texas Instruments

Part # TPS40190
Download  TPS40190 Click to download

File Size   886.7 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE

TPS40190 Datasheet (HTML) - Texas Instruments


TPS40190 Product details

1FEATURES
23· 2.25-V to 5.5-V Input
· Output Voltage from 0.6 V to 90% of VIN
· High-Side Drive for N-Channel FET
· Supports Pre-Biased Outputs
· Adaptive Anti-Cross Conduction Gate Drive
· 1%, 0.6-V Reference
· Two Fixed Switching Frequency Versions,
TPS40040 (300 kHz) and TPS40041 (600 kHz)
· Three Selectable Short Circuit Protection
Levels of 105 mV, 180 mV and 310 mV
· Hiccup Restart from Faults
· Voltage Mode Control
· Active Low Enable
· Thermal Shutdown Protection at 145C
· 8-Pin, 3-mm x 3-mm SON with Ground
Connection to Thermal Pad

APPLICATIONS
· Point of Load
· Telecommunications
· DC to DC Modules
· Set Top Boxes

CONTENTS
Device Ratings 2
Electrical Characteristics 3
Device Information 8
Application Information 10
Design Examples 19
Additional References 32

DESCRIPTION
The TPS40040 and TPS40041 dc-to-dc controllers
are designed to operate from a 2.25-V to 5.5-V input
source. To reduce the number of external
components, several operating parameters are fixed
internally; namely, frequency, soft start time, and
short circuit protection (SCP) levels. For example, the
operating frequencies of TPS40040/1 are 300
kHz/600 kHz, respectively.




Similar Part No. - TPS40190

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
664Kb / 35P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40190 TI-TPS40190 Datasheet
714Kb / 35P
4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40190 TI1-TPS40190 Datasheet
1Mb / 46P
Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40190DRCR TI-TPS40190DRCR Datasheet
560Kb / 22P
LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
More results


Similar Description - TPS40190

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40040 TI-TPS40040 Datasheet
771Kb / 36P
LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40040 TI-TPS40040_15 Datasheet
991Kb / 38P
LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40042 TI1-TPS40042_16 Datasheet
1Mb / 36P
LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
logo
Rohm
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
logo
Texas Instruments
LM25143 TI-LM25143 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5143 TI-LM5143 Datasheet
4Mb / 70P
LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com