Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS40070PWPR.A Datasheet (PDF) - Texas Instruments

TPS40070PWPR.A Datasheet PDF - Texas Instruments
Part # TPS40070PWPR.A
Download  TPS40070PWPR.A Download
File Size   706.73 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD

TPS40070PWPR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40070PWPR.A Datasheet PDF - Texas Instruments

Part # TPS40070PWPR.A
Download  TPS40070PWPR.A Click to download

File Size   706.73 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD

TPS40070PWPR.A Datasheet (HTML) - Texas Instruments


TPS40070PWPR.A Product details

1FEATURES
2· Operation Over 4.5-V to 28-V Input Range
· Programmable Fixed-Frequency up to 1-MHz
Voltage-Mode Controller
· Predictive Gate Drive™ With Anti-Cross
Conduction Circuitry
· <1% Internal 700-mV Reference
· Internal Gate Drive Outputs for High-Side and
Synchronous N-Channel MOSFETs
· 16-Pin PowerPAD™ Package
· Thermal Shutdown Protection
· TPS40070: Source Only
· TPS40071: Source/Sink
· Programmable High-Side Sense Short Circuit
Protection

APPLICATIONS
· Power Modules
· Networking/Telecom
· PCI Express
· Industrial
· Servers

DESCRIPTION
The TPS4007x is a mid voltage, wide input (4.5 V to
28 V), synchronous, step-down converter.
The TPS4007x offers design flexibility with a variety
of user programmable functions, including; soft-start,
UVLO, operating frequency, voltage feed-forward and
high-side FET sensed short circuit protection.
The TPS4007x incorporates MOSFET gate drivers for
external N-channel high-side and synchronous rectifier (SR) MOSFETs. Gate drive logic incorporates
predictive anti-cross conduction circuitry to prevent
simultaneous high-side and synchronous rectifier
conduction, while minimizing to eliminating current
flow in the body diode of the SR FET. The TPS40071
allows the supply output to sink current at all times.
The TPS40070 implements a source-only power
supply.




Similar Part No. - TPS40070PWPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40070PWPR TI-TPS40070PWPR Datasheet
748Kb / 30P
HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070PWPRG4 TI-TPS40070PWPRG4 Datasheet
748Kb / 30P
HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results


Similar Description - TPS40070PWPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com