Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS40197 Datasheet (PDF) - Texas Instruments

TPS40197 Datasheet PDF - Texas Instruments
Part # TPS40197
Download  TPS40197 Download
File Size   667.0 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS40197 4.5-V to 14-V Input, 6-A Buck Controller With Four-Bit VID Interface

TPS40197 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40197 Datasheet PDF - Texas Instruments

Part # TPS40197
Download  TPS40197 Click to download

File Size   667.0 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS40197 4.5-V to 14-V Input, 6-A Buck Controller With Four-Bit VID Interface

TPS40197 Datasheet (HTML) - Texas Instruments


TPS40197 Product details

1 Features
1• Input Voltage Range: 4.5 V to 14 V
• 4-Bit Dynamic VID-On-The-Fly Support
• VID Programmable Output Voltage with
Programmable Transition Rate
• Fixed Switching Frequency of 520 kHz
• Selectable Low-Side (Three Settings) and Fixed
High-Side Thermally Compensated Overcurrent
Protection
• Power Good Indicator
• Internal 5-V Regulator
• Voltage Mode Control
• Internally Fixed 5.5-ms Soft-Start Time
• Prebias Output Safe
• Thermal Shutdown at 140°C
• 16-Pin QFN Package

2 Applications
• Smart-Reflex™ DSPs
• POL Modules
• Telecom

3 Description
The TPS40197 is a synchronous buck controller that
operates from 4.5 V to 14 V input supply nominally.
The controller implements voltage-mode control
architecture with the switching frequency fixed at
520 kHz. The higher switching frequency facilitates
the use of smaller inductor and output capacitors,
thereby providing a compact power-supply solution.
An adaptive anti-cross conduction scheme is used to
prevent shoot through current in the power FETs.
The TPS40197 integrates the PWM control and 4-bit
VID interface in a single chip to allow seamless onthe-
fly VID changes with programmable transition
rate. It provides a simple power solution for Smart-
Reflex™ DSP cores.




Similar Part No. - TPS40197

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40197 TI1-TPS40197 Datasheet
880Kb / 28P
SYNCHRONOUS BUCK CONTROLLER WITH 4-BIT VID INTERFACE FOR SMART-REFLEX??DSPs
TPS40197RGYR TI1-TPS40197RGYR Datasheet
880Kb / 28P
SYNCHRONOUS BUCK CONTROLLER WITH 4-BIT VID INTERFACE FOR SMART-REFLEX??DSPs
TPS40197RGYT TI1-TPS40197RGYT Datasheet
880Kb / 28P
SYNCHRONOUS BUCK CONTROLLER WITH 4-BIT VID INTERFACE FOR SMART-REFLEX??DSPs
TPS40197 TI-TPS40197_15 Datasheet
1,012Kb / 29P
SYNCHRONOUS BUCK CONTROLLER WITH 4-BIT VID INTERFACE FOR SMART-REFLEX??DSPs
More results


Similar Description - TPS40197

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS566250 TI-TPS566250_15 Datasheet
1Mb / 32P
TPS566250 4.5-V to 17-V Input, 6-A Synchronous Step-Down Converter With VID Control
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
13-Mar-17
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
15-Sep-14
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
29-Jun-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com